Electronic Components Datasheet Search
  English  ▼

X  

PL8201 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PL8201
Description  SMT COMMON MODE CHOKES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PL8201 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PL8201 Datasheet HTML 1Page - Pulse A Technitrol Company PL8201 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMT COMMON MODE CHOKES
Military/Aerospace SLIC Series
Enhanced SLIC platform for
Military/Aerospace applications
Solutions based on impedance, size and
current
Designed for DC/DC converters
Wide variety of inductor sizes and current
ratings available
Dielectric strength: 1000VRMS
Part
2,3
Inductance
Irated
DCR (MAX)
Curve
Package
Weight
Quantity
Quantity
Number
(mH ±35%)
(A)
(m
Ω)
(see # below)
(Grams)
In Tube
In Reel
PL8200
0.47
14.0
8
9
Big Foot
14.8
15
75
PL8201
0.63
11.6
10
7
Big Foot
14.3
20
75
PL8202
0.81
9.70
14
6
Big Foot
13.5
20
75
PL8203
0.53
7.20
15
8
HCCI-68
7.7
15
100
PL8204
0.59
5.60
21
7
LCCI-50
5.2
30
200
PL8205
0.77
4.70
40
6
LCCI-50
4.9
30
200
PL8206
0.22
3.30
60
5
LCCI-50
4.7
30
200
PL8207
1.32
3.30
60
4
LCCI-50
4.6
30
200
PL8208
1.47
2.80
80
3
LCCI-50
4.3
30
200
PL8209
0.88
1.63
110
2
Polecat
1.5
40
500
PL8210
1.17
1.22
200
1
Polecat
1.4
40
500
NOTE: 1. The temperature of the component (ambient plus temperature rise) must be within the stated operating temperature range.
2. Optional Tape & Reel packaging can be ordered by adding a "T" suffix to the part number (i.e. PL8200 becomes PL8200T).
Pulse complies to industry standard tape and reel specification EIA481.
3. To order RoHS compliant part, add “NL” to the part number (i.e. PL8200 becomes PL8200NL and PL8200T becomes PL8200NLT).
Electrical Specifications @ 25°C — Operating Temperature - 55°C to +130°C
1
Impedance Curves
100 KHz
1 MHz
10 MHz
100 MHz
Frequency
7.5K
6.0K
4.5K
3.0K
1.5K
0
6
7
9
8
100 KHz
1 MHz
10 MHz
100 MHz
Frequency
15K
12K
9K
6K
3K
0
4
1
2
3
5
USA 215 781 6400 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 755 33966678 •• Taiwan 886 3 4643715
www.pulseeng.com
M108.B (5/08)


Similar Part No. - PL8201

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PL8201 PULSE-PL8201 Datasheet
126Kb / 2P
SMT COMMON MODE CHOKES
PL8201 PULSE-PL8201 Datasheet
377Kb / 4P
MILITARY/AEROSPACE
More results

Similar Description - PL8201

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
ACM0408CI ALLIED-ACM0408CI Datasheet
442Kb / 1P
SMT COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
P0473T PULSE-P0473T Datasheet
129Kb / 2P
SMT COMMON MODE CHOKES
P0473NLT PULSE-P0473NLT Datasheet
784Kb / 2P
SMT Common Mode Chokes
P0420T PULSE-P0420T Datasheet
129Kb / 2P
SMT COMMON MODE CHOKES
P0353NLT PULSE-P0353NLT Datasheet
784Kb / 2P
SMT Common Mode Chokes
P0351NLT PULSE-P0351NLT Datasheet
784Kb / 2P
SMT Common Mode Chokes
PL8202NL PULSE-PL8202NL Datasheet
126Kb / 2P
SMT COMMON MODE CHOKES
P0502NL PULSE-P0502NL Datasheet
784Kb / 2P
SMT Common Mode Chokes
H604 PULSE-H604 Datasheet
523Kb / 3P
SMT COMMON MODE CHOKES
PL2477 PULSE-PL2477 Datasheet
460Kb / 2P
SMT COMMON MODE CHOKES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com