Electronic Components Datasheet Search
  English  ▼

X  

PL8303 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PL8303
Description  SMT POWER INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PL8303 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PL8303 Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMT POWER INDUCTORS
Toroid - Military/Aerospace HCCI-80 Series
1.100
27,94
1.220 MAX
30,99
SUGGESTED
PAD LAYOUT
.600
15,24
.400
10,16
1.097
27,86
.155
3,94
23
14
4X .320 ± .020
8,13 ± 0,51
1.000
25,40
4 SURFACES
.006/0,15
.500
12,70
MAX
PL83XX
Date Code
Country of Origin
23
14
4
1
2
3
1:1 ±1%
Weight . . . . . . . 18.7 grams
Tape & Reel. . . . . . . 75/reel
Tube . . . . . . . . . . . . 20/tube
Schematic
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Electrical Specifications @ 25°C — Operating Temperature - 55°C to +130°C
Pulse 4
Inductance
DCR (m
Ω
Ω)
Inductance
Reference
Flux Density
Core Loss
Temp. Rise
Part
@ Irated
Irated
@ 0ADC
ET
Factor
Factor
Factor
Connection
Number
(µH)
(A)
TYP
MAX
(µH)
(Volt-µsec)
(K1)
(K2)
(K3)
PL8304
1.1
38
1.1
1.3
2.1
4.20
0.62
1.50E-09
33.8
Parallel
PL8303
1.6
34
1.4
1.6
3.5
4.20
0.48
1.50E-09
33.8
Parallel
PL8302
2.45
27
2.2
2.5
5.1
6.00
0.39
1.50E-09
33.8
Parallel
PL8301
3.2
24
3.0
3.5
7.2
4.20
0.33
1.50E-09
33.8
Parallel
PL8304
4.3
19
4.4
5.1
8.4
8.40
0.31
1.50E-09
33.8
Series
PL8300
4.52
19
4.2
4.8
9.5
9.00
0.29
1.50E-09
33.8
Parallel
PL8303
6.4
17
5.6
6.4
13.8
8.40
0.24
1.50E-09
33.8
Series
PL8302
9.8
13.5
8.8
10.1
20.4
12.00
0.20
1.50E-09
33.8
Series
PL8301
12.8
12
12.0
13.8
28.7
8.40
0.17
1.50E-09
33.8
Series
PL8300
18.1
9.5
16.8
19.3
38.0
18.00
0.14
1.50E-09
33.8
Series
Height: 12.7mm Max
Footprint: 31.0mm x 25.4mm Max
Current Rating: up to 38A
Inductance Range: 1.1µH to 18.1µH
1. Temperature rise is 55°C in typical buck or boost circuits operating
at 300kHz with rated Idc current and reference ET applied to inductor.
2. Total inductor loss is 1.8W for 55°C temperature rise above ambient.
3. In high volt-time applications, additional heating in the component
can occur due to core losses in the inductor which may necessitate
derating the current in order to limit the temperature rise of the
component. In order to determine the approximate total losses
(or temperature rise) for a given application, both copper and core
losses should be taken into account.
Estimated Temperature Rise:
Trise = K3 * (Coreloss(W) + Copperloss(W).833 (C)
CopperLoss = Irms2 * DCR_Typical (m
Ω) / 1000
CoreLoss = K2 * (Freq_kHz)1.26 * (
ΔB)2.11
ΔB = K1 * Volt-µsec * 100
4. Optional Tape & Reel packaging can be ordered by adding a "T"
suffix to the part number (i.e. PL8304 becomes PL8304T). Pulse
complies to industry standard tape and reel specification EIA481.
NOTES:
Mechanical
©2005, Pulse Engineering, Inc. All Rights Reserved.
For More Information:
UNITED STATES
(Worldwide)
2 Pearl Buck Court
Bristol, PA 19007
U.S.A.
http://www.pulseeng.com
TEL: 215 781 6400
FAX: 215 781 6403
UNITED KINGDOM
(Northern Europe)
3 Huxley Road
Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
TEL: 44 1483 401700
FAX: 44 1483 401701
FRANCE
(Southern Europe)
Zone Industrielle
F-39270
Orgelet
France
TEL: 33 3 84 35 04 04
FAX: 33 3 84 25 46 41
TAIWAN, R.O.C.
(Northern Asia)
3F-4, No. 81, Sec. 1
HsinTai Wu Road
Hsi-Chih, Taipei Hsien
Taiwan, R.O.C.
Tel: 886 2 2698 0228
FAX: 886 2 2698 0948
SINGAPORE
(Southern Asia)
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
HONG KONG
(China/Hong Kong)
Unit 11, 11/F
Wah Lai Industrial Centre
10-14 Kwei Tei Street,
Fotan, Shatin, Hong Kong
TEL: 852 2788 6588
FAX: 852 2776 1055
DISTRIBUTOR
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
M109.A (6/05)


Similar Part No. - PL8303

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PL83 PHILIPS-PL83 Datasheet
94Kb / 5P
VIDEO OUTPUT PNETODE
December 1969
logo
P-tec Corporation
PL83-WDGY1301 P-TEC-PL83-WDGY1301 Datasheet
30Kb / 1P
3mm Bi-Color LED
PL83-WDRG1213 P-TEC-PL83-WDRG1213 Datasheet
30Kb / 1P
3mm Bi-Color LED
PL83-WDRG2115 P-TEC-PL83-WDRG2115 Datasheet
76Kb / 1P
Multi-Color combinations
logo
List of Unclassifed Man...
PL8331 ETC2-PL8331 Datasheet
418Kb / 2P
Multi mode power saving function
More results

Similar Description - PL8303

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
SMT POWER INDUCTORS
logo
Coilcraft lnc.
LPO4815 COILCRAFT-LPO4815_15 Datasheet
446Kb / 2P
SMT Power Inductors
logo
Pulse A Technitrol Comp...
PA2891.XXXHL PULSE-PA2891.XXXHL Datasheet
736Kb / 3P
SMT Power Inductors
PA3288.XXXHL PULSE-PA3288.XXXHL Datasheet
439Kb / 3P
SMT Power Inductors
PA4340.XXXNLT PULSE-PA4340.XXXNLT Datasheet
3Mb / 4P
SMT Power Inductors
PA5002.XXXNLT PULSE-PA5002.XXXNLT Datasheet
1Mb / 5P
SMT Power Inductors
PG1083NL PULSE-PG1083NL Datasheet
455Kb / 2P
SMT Power Inductors
PG0936NL PULSE-PG0936NL Datasheet
384Kb / 2P
SMT Power Inductors
PA5189.XXXHLT PULSE-PA5189.XXXHLT Datasheet
777Kb / 3P
SMT Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com