Electronic Components Datasheet Search
  English  ▼

X  

PL8124 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PL8124
Description  SMT power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PL8124 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PL8124 Datasheet HTML 1Page - Pulse A Technitrol Company PL8124 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMT power InducTorS
Toroid - Military/Aerospace SLED Series
Ruggedized header with SLED rails
for secure board mounting
Four package sizes
Current Rating: up to 14.3Adc
Frequency Range: up to 1MHz
electrical Specifications @ 25°c — operating Temperature -55°c to +130°c
SLED 20
SLED 30
SLED 40
SLED 50
SLED 60
NOTES:
1. Reference values are for an inductor with a 55°C temperature rise.
The core loss is 10% of the copper loss at the ET listed and 500kHz.
2. Core does not saturate abruptly. The ET and DC current are limited by
the desired inductance and temperature rise.
3. In high volt-time applications, additional heating in the component can
occur due to core losses in the inductor which may necessitate derat-
ing the current in order to limit the temperature rise of the
component. In order to determine the approximate total losses
(or temperature rise) for a given application, both copper and core
losses should be taken into account.
Estimated Temperature Rise:
Trise = K3 * (Coreloss(W) + Copperloss(W).833 (C)
CopperLoss = Irms2 * DCR_Typical (mW) / 1000
CoreLoss = K2 * (Freq_kHz)1.26 * (DB)2.11
DB = K1 * Volt-µsec * 100
4. Optional Tape & Reel packaging can be ordered by adding a “
T” suffix
to the part number (i.e. PL8100 becomes PL8100
T). Pulse complies to
industry standard tape and reel specification EIA481.
US 215 781 6400 • UK 44 1483 401 700 • France 33 3 84 35 04 04 • Singapore 65 6287 8998 • Shanghai 86 21 54643211 / 2 • China 86 769 85538070 • Taiwan 886 3 4641811
www.pulseeng.com
M107.C (1/10)
Pulse 4
Inductance
DCR (mW )
Inductance
Reference
Flux Density
Core Loss
Temp. Rise
Part
@ Irated
Irated
@ 0Adc
ET
Factor
Factor
Factor
Number
(µH)
(A)
TYP
MAX
(µH)
(Volt-µsec)
(K1)
(K2)
(K3)
PL8100
1.01
3.40
9.35
11
1.1
0.53
5.43
3.29E-11
323.9
PL8101
6.2
1.40
59.5
70
7
1.33
2.17
3.29E-11
323.9
PL8102
17.6
1.00
106.25
125
22.7
2.4
1.21
3.29E-11
323.9
PL8110
3.8
4.80
14.705
17.3
5.2
1.76
1.28
1.39E-10
148.0
PL8111
9.4
2.80
36.89
43.4
12.3
2.7
0.83
1.39E-10
148.0
PL8112
29.7
1.40
141.1
166
35.3
4.6
0.49
1.39E-10
148.0
PL8113
114
0.94
323
380
167
10
0.23
1.39E-10
148.0
PL8120
2.5
8.00
7.055
8.3
3.8
1.77
1.30
1.87E-10
114.2
PL8121
5.1
5.40
15.045
17.7
7.5
2.51
0.92
1.87E-10
114.2
PL8122
16.2
2.70
63
72
21.9
4.29
0.54
1.87E-10
114.2
PL8123
58.1
1.30
246.5
290
73
7.83
0.29
1.87E-10
114.2
PL8124
192
0.90
476
560
292
15.7
0.15
1.87E-10
114.2
PL8125
383
0.72
732.7
862
672
23.5
0.10
1.87E-10
114.2
PL8130
4.9
7.80
10.54
12.4
7.9
3.04
0.67
3.35E-10
85.7
PL8131
9
5.50
25
28
14
4.06
0.51
3.35E-10
85.7
PL8132
29.1
2.70
85
100
40.5
6.9
0.30
3.35E-10
85.7
PL8133
645
0.74
1062.5
1250
1134
36.5
0.06
3.35E-10
85.7
PL8150
0.81
14.30
2.125
2.5
1.25
1.035
2.23
1.87E-10
114.2
PL8151
1.32
11.50
3.4
4.0
2.1
1.33
1.74
1.87E-10
114.2
PL8140
9.3
7.20
15.895
18.7
16
4.92
0.41
4.52E-10
67.9
PL8141
16.1
5.10
27.2
32.0
25.9
6.27
0.32
4.52E-10
67.9
PL8142
50
2.60
113.05
133
72.9
10.5
0.19
4.52E-10
67.9
PL8143
1070
0.71
1445
1700
1950
54.4
0.04
4.52E-10
67.9
PL8160
1.68
13.90
3.06
3.6
2.8
1.83
1.12
3.35E-10
85.7
PL8161
2.5
11.40
4.59
5.4
4.2
2.23
0.92
3.35E-10
85.7
PL8170
3.5
12.40
5.61
6.6
6.5
3.1
0.64
4.52E-10
67.9
PL8171
4.7
10.40
7.055
8.3
8.4
3.58
0.56
4.52E-10
67.9
PL8180
5.2
15.40
5.27
6.2
10.5
5.21
0.35
9.58E-10
44.6
PL8181
9.4
10.90
10.5
12.3
17.6
6.84
0.27
9.58E-10
44.6


Similar Part No. - PL8124

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PL8124 PULSE-PL8124 Datasheet
377Kb / 4P
MILITARY/AEROSPACE
More results

Similar Description - PL8124

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
SMT POWER INDUCTORS
logo
Coilcraft lnc.
LPO4815 COILCRAFT-LPO4815_15 Datasheet
446Kb / 2P
SMT Power Inductors
logo
Pulse A Technitrol Comp...
PA2891.XXXHL PULSE-PA2891.XXXHL Datasheet
736Kb / 3P
SMT Power Inductors
PA3288.XXXHL PULSE-PA3288.XXXHL Datasheet
439Kb / 3P
SMT Power Inductors
PA4340.XXXNLT PULSE-PA4340.XXXNLT Datasheet
3Mb / 4P
SMT Power Inductors
PA5002.XXXNLT PULSE-PA5002.XXXNLT Datasheet
1Mb / 5P
SMT Power Inductors
PG1083NL PULSE-PG1083NL Datasheet
455Kb / 2P
SMT Power Inductors
PG0936NL PULSE-PG0936NL Datasheet
384Kb / 2P
SMT Power Inductors
PA5189.XXXHLT PULSE-PA5189.XXXHLT Datasheet
777Kb / 3P
SMT Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com