Electronic Components Datasheet Search
  English  ▼

X  

PL8501 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PL8501
Description  SMT POWER INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PL8501 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PL8501 Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMT POWER INDUCTORS
Toroid - Military/Aerospace SLED Series
Ruggedized header with SLED rails
for secure board mounting
Current Rating: up to 3.8ADC
Inductance Range: 9.4µH to 439µH
Inductance
DCR (m
Ω)
Inductance
100 Gauss
1 Amp DC
Part
9
@ Irated
Irated
ET
@ 0ADC
ET100
H1
Number
(µH)
(A )
TYP
MAX
(V-µsec)
(µH ±10%)
(V-µsec)
(Orsted)
PL8500
9.4
3.80
27
32
15.2
10.4
2.65
11.95
PL8501
13.3
3.20
40
46
18.8
14.6
3.13
14.12
PL8502
23
2.40
65
74
24.3
25
4.10
18.46
PL8503
50
1.60
121
135
37.0
56
6.15
27.69
PL8504
75
1.30
181
220
44.3
83
7.47
33.67
PL8505
90
1.20
246
285
49.2
100
8.19
36.93
PL8506
137
1.00
387
425
59.4
152
10.12
45.61
PL8507
200
0.82
585
673
71.3
220
12.17
54.85
PL8508
305
0.66
845
972
85.8
331
14.94
67.34
PL8509
439
0.56
1322
1520
99.6
472
17.83
80.37
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +130°C
1. The reference inductance at rated DC current is a typical value.
2. Temperature rise is 50°C in typical buck or boost circuits at 250kHz and
with the reference ET applied to the inductor.
3. Total loss in the inductor is 380mW for 50°C temperature rise above ambient.
4. To estimate temperature rise in a given application, determine copper and
core losses, divide by 380 and multiply by 50.
5. For the copper loss, calculate IDC2 X RN.
6. For core loss, using frequency (f) and operating flux density (B),
calculate 6.11 x 10-18 x B2.7 x f2.04.
7. For flux density (B), calculate ET (V-µsec) for the application, divide by ET100
from the table, and multiply by 100.
8. Limit the DC bias (H) to 46 orsteds. Calculate H by multiplying H1 from the table
by IDC of the application.
9. Optional Tape & Reel packaging can be ordered by adding a "T" suffix to the part
number (i.e. PL8500 becomes PL8500T). Pulse complies to industry standard
tape and reel specification EIA481.
NOTES:
www.pulseeng.com
M113.A (10/05)
For More Information:
Pulse Worldwide
Headquarters
2 Pearl Buck Court
Bristol, PA 19007
U.S.A.
www.pulseeng.com
TEL: 215 781 6400
FAX: 215 781 6403
Pulse
Northern Europe
3 Huxley Road
Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
TEL: 44 1483 401700
FAX: 44 1483 401701
Pulse
Southern Europe
Zone Industrielle
F-39270
Orgelet
France
TEL: 33 3 84 35 04 04
FAX: 33 3 84 25 46 41
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
3F-4, No. 81, Sec. 1
Hsin Tai Wu Road
Hsi-Chih
Taipei Hsien
Taiwan
TEL: 886 2 26980228
FAX: 886 2 26980948
Pulse
China Headquarters
No. 1
Industrial District
Changan, Dongguan
China
TEL: 86 769 5538070
FAX: 86 769 5538870
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2005. Pulse Engineering, Inc. All rights reserved.
Pulse North China
Room 1002
No. 819
Nanjing West Rd
Shanghai
China
TEL: 86 21 32181071
FAX: 86 21 32181396
Mechanical
Schematic
.625
15,88MAX
.004/0,10
2 SURFACES
.310
7,87
.235
5,97
.400
10,16
MAX
.525
13,34
.500
12,70
SUGGESTED PAD LAYOUT
.480
12,19
.440
11,18
.560
14,22
1
2
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
SLED 25
Pan & Tube . . . . . . . . .35/tube
Tape & Reel . . . . . . . .300/reel
MSL . . . . . . . . . . . . . . . . . . . .3


Similar Part No. - PL8501

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL85-CDGG15 P-TEC-PL85-CDGG15 Datasheet
30Kb / 1P
5mm Bi-Polar (T1쩐) LED
PL85-CDRR22 P-TEC-PL85-CDRR22 Datasheet
30Kb / 1P
5mm Bi-Polar (T1쩐) LED
PL85-WDGY1301 P-TEC-PL85-WDGY1301 Datasheet
30Kb / 1P
5mm Bi-Color (T1쩐) LED
PL85-WDGY1301 P-TEC-PL85-WDGY1301 Datasheet
30Kb / 1P
5mm Bi-Color (T13/4) LED
PL85-WDRG1213 P-TEC-PL85-WDRG1213 Datasheet
30Kb / 1P
5mm Bi-Color (T1쩐) LED
More results

Similar Description - PL8501

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
SMT POWER INDUCTORS
logo
Coilcraft lnc.
LPO4815 COILCRAFT-LPO4815_15 Datasheet
446Kb / 2P
SMT Power Inductors
logo
Pulse A Technitrol Comp...
PA2891.XXXHL PULSE-PA2891.XXXHL Datasheet
736Kb / 3P
SMT Power Inductors
PA3288.XXXHL PULSE-PA3288.XXXHL Datasheet
439Kb / 3P
SMT Power Inductors
PA4340.XXXNLT PULSE-PA4340.XXXNLT Datasheet
3Mb / 4P
SMT Power Inductors
PA5002.XXXNLT PULSE-PA5002.XXXNLT Datasheet
1Mb / 5P
SMT Power Inductors
PG1083NL PULSE-PG1083NL Datasheet
455Kb / 2P
SMT Power Inductors
PG0936NL PULSE-PG0936NL Datasheet
384Kb / 2P
SMT Power Inductors
PA5189.XXXHLT PULSE-PA5189.XXXHLT Datasheet
777Kb / 3P
SMT Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com