Electronic Components Datasheet Search
  English  ▼

X  

STGIPN3H60-H Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGIPN3H60-H
Description  3-phase inverters for motor drives
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPN3H60-H Datasheet(HTML) 1 Page - STMicroelectronics

  STGIPN3H60-H Datasheet HTML 1Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 2Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 3Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 4Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 5Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 6Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 7Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 8Page - STMicroelectronics STGIPN3H60-H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
September 2016
DocID024132 Rev 4
1/23
This is information on a product in full production.
www.st.com
STGIPN3H60-H
SLLIMM™-nano small low-loss intelligent molded module
IPM, 3 A, 600 V, 3-phase IGBT inverter bridge
Datasheet - production data
Features
IPM 3 A, 600 V, 3-phase IGBT inverter
bridge including control ICs for gate driving
and freewheeling diodes
Optimized for low electromagnetic
interference
VCE(sat) negative temperature coefficient
3.3 V, 5 V, 15 V CMOS/TTL inputs
comparators with hysteresis and pull
down/pull up resistors
Undervoltage lockout
Internal bootstrap diode
Interlocking function
Smart shutdown function
Comparator for fault protection against
overtemperature and overcurrent
Op amp for advanced current sensing
Optimized pinout for easy board layout
Applications
3-phase inverters for motor drives
Dish washers, refrigerator compressors,
heating systems, air-conditioning fans,
draining and recirculation pumps
Description
This intelligent power module implements a
compact, high performance AC motor drive in a
simple, rugged design. It is composed of six
IGBTs with freewheeling diodes and three half-
bridge HVICs for gate driving, providing low
electromagnetic interference (EMI) characteristics
with optimized switching speed. The package is
optimized for thermal performance and
compactness in built-in motor applications, or
other low power applications where assembly
space is limited. This IPM includes an operational
amplifier, completely uncommitted, and a
comparator that can be used to design a fast and
efficient protection circuit. SLLIMM™ is a
trademark of STMicroelectronics.
Table 1: Device summary
Order code
Marking
Package
Packing
STGIPN3H60-H
GIPN3H60-H
NDIP-26L
Tube


Similar Part No. - STGIPN3H60-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPN3H60 STMICROELECTRONICS-STGIPN3H60 Datasheet
550Kb / 21P
SLLIMM??nano (small low-loss intelligent molded module)IPM
02-May-2012
STGIPN3H60A STMICROELECTRONICS-STGIPN3H60A Datasheet
447Kb / 17P
SLLIMM??nano (small low-loss intelligent molded module) IPM
02-May-2012
STGIPN3H60AT STMICROELECTRONICS-STGIPN3H60AT Datasheet
497Kb / 19P
SLLIMM™nano (small low-loss intelligent molded module) IPM, 3 A - 600 V 3-phase IGBT inverter bridge
30-Sep-2014
STGIPN3H60T-H STMICROELECTRONICS-STGIPN3H60T-H Datasheet
1Mb / 26P
Optimized for low electromagnetic interference
16-Mar-2017
More results

Similar Description - STGIPN3H60-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIF5CH60TS-E STMICROELECTRONICS-STGIF5CH60TS-E Datasheet
648Kb / 22P
3-phase inverters for motor drives
07-Aug-2014
STGIF10CH60TS-L STMICROELECTRONICS-STGIF10CH60TS-L Datasheet
490Kb / 25P
3-phase inverters for motor drives
01-Oct-2015
STGIPS15C60T-H STMICROELECTRONICS-STGIPS15C60T-H Datasheet
640Kb / 19P
3-phase inverters for motor drives
09-Apr-2015
STGIPS20C60T-H STMICROELECTRONICS-STGIPS20C60T-H Datasheet
992Kb / 19P
3-phase inverters for motor drives
10-Apr-2015
STGIB10CH60TS-L STMICROELECTRONICS-STGIB10CH60TS-L Datasheet
1Mb / 24P
3-phase inverters for motor drives
25-Oct-2016
STGIB15CH60TS-E STMICROELECTRONICS-STGIB15CH60TS-E Datasheet
1Mb / 24P
3-phase inverters for motor drives
18-Nov-2016
STGIB15CH60TS-L STMICROELECTRONICS-STGIB15CH60TS-L Datasheet
1Mb / 24P
3-phase inverters for motor drives
18-Nov-2016
STGIF5CH60TS-L STMICROELECTRONICS-STGIF5CH60TS-L Datasheet
600Kb / 25P
3-phase inverters for motor drives
09-Sep-2015
STGIPL30C60-H STMICROELECTRONICS-STGIPL30C60-H Datasheet
1Mb / 24P
3-phase inverters for motor drives
17-Jul-2013
STGIPS10C60 STMICROELECTRONICS-STGIPS10C60 Datasheet
623Kb / 20P
3-phase inverters for motor drives
08-Apr-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com