Electronic Components Datasheet Search
  English  ▼

X  

PL8701 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PL8701
Description  SMT POWER INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PL8701 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PL8701 Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMT POWER INDUCTORS
Toroid - Military/Aerospace POGO Series
Ruggedized header with POGO pins for secure board mounting
Current Rating: up to 14.4ADC
Inductance Range: 1.5µH to 139µH
For More Information:
Pulse Worldwide
Headquarters
2 Pearl Buck Court
Bristol, PA 19007
U.S.A.
www.pulseeng.com
TEL: 215 781 6400
FAX: 215 781 6403
Pulse
Northern Europe
3 Huxley Road
Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
TEL: 44 1483 401700
FAX: 44 1483 401701
Pulse
Southern Europe
Zone Industrielle
F-39270
Orgelet
France
TEL: 33 3 84 35 04 04
FAX: 33 3 84 25 46 41
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
3F-4, No. 81, Sec. 1
Hsin Tai Wu Road
Hsi-Chih
Taipei Hsien
Taiwan
TEL: 886 2 26980228
FAX: 886 2 26980948
Pulse
China Headquarters
No. 1
Industrial District
Changan, Dongguan
China
TEL: 86 769 5538070
FAX: 86 769 5538870
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2005. Pulse Engineering, Inc. All right reserved.
Pulse North China
Room 1002
No. 819
Nanjing West Rd
Shanghai
China
TEL: 86 21 32181071
FAX: 86 21 32181396
www.pulseeng.com
M115.A (10/05)
Mechanical
Schematic
1
2
4
3
1:1 ±2%
SUGGESTED PAD LAYOUT
.082
2,08
4X
.600
15,24
.450
11,43
.300
7,62
MAX
.380
9,65
.450
11,43
MAX
.575
14,61
.600
15,24
.725
18,42
MAX
32
41
POGO 40
Inductance
Storage
Inductance
100 Gauss
1 Amp DC
Part
8,9
@ Irated
Irated
DCR (TYP)
ET
Capacity
@ 0ADC
ET100
H1
Connection
Number
(µH)
(A)
(m
Ω)
(V-µsec)
(µJoules)
(µH ±20%)
(V-µsec)
(Orsted)
PL8700
1.5
14.40
4.41
4.80
159.01
2.2
1.71
3.77
Parallel
PL8701
2.4
9.40
6.54
6.00
152.83
3.5
2.14
4.71
Parallel
PL8702
4.2
8.10
10.47
7.85
142.57
5.9
2.78
6.12
Parallel
PL8703
5.8
6.80
14.94
9.05
133.80
7.9
3.21
7.06
Parallel
PL8700
6.1
7.20
17.60
9.60
159.01
9.0
3.42
7.53
Series
PL8704
7.6
5.70
20.99
10.25
124.18
10.1
3.64
8.00
Parallel
PL8701
9.7
5.60
26.20
12.00
152.83
14.0
4.28
9.42
Series
PL8705
12.1
5.20
23.24
13.85
176.62
18.5
4.92
10.83
Parallel
PL8702
17.0
4.10
41.90
15.70
142.57
23.7
5.56
12.24
Series
PL8706
18.0
4.20
38.15
16.50
174.26
27.4
5.99
13.18
Parallel
PL8703
23.1
3.40
59.70
18.10
133.80
31.5
6.42
14.12
Series
PL8707
27.0
3.30
53.21
20.50
169.14
40.5
7.27
16.01
Parallel
PL8704
30.6
2.85
84.00
20.50
124.18
40.5
7.27
16.01
Series
PL8708
34.8
2.30
73.89
22.50
156.47
50.5
8.13
17.89
Parallel
PL8705
48.5
2.70
93.00
27.70
176.62
74.1
9.84
21.66
Series
PL8706
72.0
2.20
152.60
33.00
174.26
109.8
11.98
26.36
Series
PL8708
139.1
1.50
295.60
45.00
156.47
202.2
16.26
35.78
Series
PL8707
108.0
1.77
212.80
41.00
169.14
161.8
14.55
32.01
Series
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +130°C
NOTES:
1. The reference inductance is a typical value at the AC and DC excitation listed.
2. Temperature rise is 55°C in typical buck or boost circuits at 100kHz and with the
reference ET applied to the inductor.
3. Total loss in the inductor is 634mWatts for a 55°C temperature rise above ambient.
4. To estimate temperature rise in a given application, determine copper and core
losses, divide by 634 and multiply by 50.
5. For the copper loss, calculate IDC 2X RN.
6. For core loss (mW), using frequency (f in Hertz) and operating flux density (B in
Gauss), calculate 2.24 x 10-10 x B2.11 x f1.26.
7. For flux density (B), calculate ET (V-µsec) for the application, divide by ET100 from
the table, and multiply by 100.
8. Optional Tape & Reel packaging can be ordered by adding a "T" suffix to
the part number (i.e. PL8700 becomes PL8700T). Pulse complies to industry
standard tape and reel specification EIA481.
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Pan & Tube . . . . . . . . .30/tube
Tape & Reel . . . . . . . .300/reel
MSL . . . . . . . . . . . . . . . . . . . .3


Similar Part No. - PL8701

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PL87X288B NSC-PL87X288B Datasheet
115Kb / 4P
(32 X 8) 256-BIT TTL LOGIC PROMS
PL87X288BJ NSC-PL87X288BJ Datasheet
115Kb / 4P
(32 X 8) 256-BIT TTL LOGIC PROMS
PL87X288BN NSC-PL87X288BN Datasheet
115Kb / 4P
(32 X 8) 256-BIT TTL LOGIC PROMS
PL87X288BV NSC-PL87X288BV Datasheet
115Kb / 4P
(32 X 8) 256-BIT TTL LOGIC PROMS
More results

Similar Description - PL8701

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
SMT POWER INDUCTORS
logo
Coilcraft lnc.
LPO4815 COILCRAFT-LPO4815_15 Datasheet
446Kb / 2P
SMT Power Inductors
logo
Pulse A Technitrol Comp...
PA2891.XXXHL PULSE-PA2891.XXXHL Datasheet
736Kb / 3P
SMT Power Inductors
PA3288.XXXHL PULSE-PA3288.XXXHL Datasheet
439Kb / 3P
SMT Power Inductors
PA4340.XXXNLT PULSE-PA4340.XXXNLT Datasheet
3Mb / 4P
SMT Power Inductors
PA5002.XXXNLT PULSE-PA5002.XXXNLT Datasheet
1Mb / 5P
SMT Power Inductors
PG1083NL PULSE-PG1083NL Datasheet
455Kb / 2P
SMT Power Inductors
PG0936NL PULSE-PG0936NL Datasheet
384Kb / 2P
SMT Power Inductors
PA5189.XXXHLT PULSE-PA5189.XXXHLT Datasheet
777Kb / 3P
SMT Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com