Electronic Components Datasheet Search
  English  ▼

X  

PL8802 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PL8802
Description  SMT COMMON MODE INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PL8802 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PL8802 Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For More Information:
Pulse Worldwide
Headquarters
2 Pearl Buck Court
Bristol, PA 19007
U.S.A.
www.pulseeng.com
TEL: 215 781 6400
FAX: 215 781 6403
Pulse
Northern Europe
3 Huxley Road
Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
TEL: 44 1483 401700
FAX: 44 1483 401701
Pulse
Southern Europe
Zone Industrielle
F-39270
Orgelet
France
TEL: 33 3 84 35 04 04
FAX: 33 3 84 25 46 41
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
No. 26
Kao Ching Road
Yang Mei Chen
Taoyuan Hsien
Taiwan, R. O. C.
TEL: 886 3 4641811
FAX: 886 3 4641911
Pulse
China Headquarters
No. 1
Industrial District
Changan, Dongguan
China
TEL: 86 769 5538070
FAX: 86 769 5538870
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2006. Pulse Engineering, Inc. All right reserved.
Pulse North China
Room 1002
No. 819
Nanjing West Rd
Shanghai
China
TEL: 86 21 32181071
FAX: 86 21 32181396
www.pulseeng.com
M116.A (2/06)
Mechanical
Schematic
1
2
4
3
1:1 ±2%
32
41
SUGGESTED PAD LAYOUT
H
G
J
4x
D
C
MAX
B
MAX
A
MAX
F
.004/0,10
2 SURFACES
T
MAX
E
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Impedance Curves
Frequency (MHz)
1K
4
1
2
3
5
0
2K
3K
4K
5K
6K
7K
0
0.01
0.1
1
10
100
SMT COMMON MODE INDUCTORS
Toroid - Military/Aerospace POGO Series
0.5A to 3.6A
Ruggedized header with POGO pins for secure board mounting
Rated voltage 250VAC
Low RFI toroid
Tape & Reel packaging available
Impedance
Part 1
Inductance
Irated
DCR (MAX)
SRF
Curve
Size
Weight
Quantity
Number
(mH ±30%)
(A)
(m
Ω)
(MHz)
(see below)
Code
(Grams)
In Tube
PL8800
1.0
3.60
50
4
1
POGO 50
7.1
30
PL8801
1.5
1.50
60
2
2
POGO 40
2.5
30
PL8802
3.0
2.50
80
2.2
3
POGO 50
7.1
30
PL8803
10.0
1.00
450
0.5
4
POGO 40
3.0
30
PL8804
22.0
0.50
850
0.3
5
POGO 40
3.0
30
NOTE: 1. Optional Tape & Reel packaging can be ordered by adding a "T" suffix to the part number (i.e. PL8800 becomes PL8800T).
Pulse complies to industry standard tape and reel specification EIA481.
Electrical Specifications @ 25°C — Operating Temperature -55°C to +130°C
Size
A
B
C
D
E
F
G
H
J
T
POGO 40
.725/18,42 .575/14,61
.600/15,24
.450/11,43 .310/7,87
.380/9,65
.450/11,43 .600/15,24
.082/2,08
.062/1,57
POGO 50
.910/23,11 .700/17,78
.730/18,54
.520/13,21 .400/10,16 .510/12,95 .520/13,21 .730/18,54
.145/3,68
.125/3,18


Similar Part No. - PL8802

ManufacturerPart #DatasheetDescription
logo
Mobile Mark, Inc.
PL8-868LCP-1Y-WHT-12 MOBILEMARK-PL8-868LCP-1Y-WHT-12 Datasheet
134Kb / 1P
RFID LHCP Patch Antenna 8 dBic, 865-870 MHz
4/16/19
PL8-915RCP-1Y-WHT-12 MOBILEMARK-PL8-915RCP-1Y-WHT-12 Datasheet
138Kb / 1P
RFID RHCP Patch Antenna 8 dBic, 902-928 MHz
4/16/19
logo
List of Unclassifed Man...
PL80 ETC1-PL80 Datasheet
118Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES
logo
Electronic devices inc.
PL80 EDI-PL80 Datasheet
37Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES FOR P.C. BOARD AND SURFACE MOUNTING
logo
Ramset
PL800PLUS RAMSET-PL800PLUS Datasheet
1Mb / 2P
PulsaLift™ 800 Plus Pole System
2023
More results

Similar Description - PL8802

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-244 RHOMBUS-IND-L-244 Datasheet
67Kb / 2P
Common Mode Inductors
L-252 RHOMBUS-IND-L-252 Datasheet
37Kb / 1P
Common Mode Inductors
3/06/96
logo
Pulse A Technitrol Comp...
PE-53913 PULSE-PE-53913 Datasheet
142Kb / 1P
SMT COMMON MODE INDUCTORS
PE-53911NLT PULSE-PE-53911NLT Datasheet
142Kb / 1P
SMT COMMON MODE INDUCTORS 0.5A to 3.6A
PE-53914 PULSE-PE-53914 Datasheet
142Kb / 1P
SMT COMMON MODE INDUCTORS
PE-53912NLT PULSE-PE-53912NLT Datasheet
142Kb / 1P
SMT COMMON MODE INDUCTORS 0.5A to 3.6A
PE-53914NLT PULSE-PE-53914NLT Datasheet
142Kb / 1P
SMT COMMON MODE INDUCTORS
SPM2007 PULSE-SPM2007_62 Datasheet
142Kb / 1P
SMT COMMON MODE INDUCTORS
PL2356 PULSE-PL2356 Datasheet
568Kb / 1P
SMT COMMON MODE INDUCTORS
X-1568 PULSE-X-1568 Datasheet
179Kb / 2P
SMT COMMON MODE INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com