Electronic Components Datasheet Search
  English  ▼

X  

PL9101 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PL9101
Description  SMT POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PL9101 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PL9101 Datasheet HTML 1Page - Pulse A Technitrol Company PL9101 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 215 781 6400 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
M121.A (
6/07)
SMT POWER INDUCTORS
Shielded Drum Core - PL91XX Series
TYP
.118
3,00
TYP
.047
1,20
MAX
.248
6,30
.004/0,10 MAX
.413
10,50
MAX
.413
10,50
MAX
SUGGESTED PAD LAYOUT
.421
10,70
TYP
.421
10,70TYP
.287
7,30TYP
.142
3,60TYP
.142
3,60
TYP
.287
7,30
TYP
Mechanical
Part
Inductance
Irated 2
DCR (m
Ω)
Inductance
Saturation 3
Heating 4
Numbers
@Irated
(A)
@0ADC
Current
Current
(
μH TYP)
TYP
MAX
(
μH)
(A) @25°C
(A)
PL9101
0.96
10.5
3.2
4.5
1.0*
12.7
10.5
PL9102
1.52
9.5
3.9
5.5
1.8*
10.1
9.5
PL9103
2.34
7.8
5.5
7.8
2.7*
8.4
7.8
PL9104
3.27
6.7
7.7
11.0
3.9*
7.2
6.7
PL9105
4.39
5.6
11.0
15.6
5.1*
6.3
5.6
PL9106
5.54
5.2
12.6
18.0
6.8*
5.6
5.2
PL9107
6.73
5.0
14.0
20.0
8.2*
5.1
5.0
PL9108
8.19
4.6
16
22
10
4.6
4.8
PL9109
9.9
4.2
20
27
12
4.2
4.3
PL9110
13.4
3.6
22
30
15
3.6
4.0
PL9111
15.4
3.4
31
40
18
3.4
3.4
PL9112
17.6
3.2
35
45
22
3.2
3.2
PL9113
22.5
2.8
47
62
27
2.8
2.8
PL9114
28.5
2.5
53
70
33
2.5
2.6
PL9115
31.4
2.4
55
75
39
2.4
2.5
PL9116
38.4
2.2
76
100
47
2.2
2.2
PL9117
48.3
1.9
87
110
56
1.9
2.1
PL9118
55.9
1.8
95
120
68.0
1.8
2.0
PL9119
67.6
1.7
133
178
82.0
1.7
1.7
PL9120
86.1
1.4
175
230
100.0
1.4
1.5
PL9121
103
1.3
192
253
120.0
1.3
1.4
PL9122
121
1.2
216
280
150.0
1.2
1.3
PL9123
149
1.1
242
310
180.0
1.1
1.2
PL9124
186
1.0
318
400
220.0
1.0
1.05
PL9125
224
0.91
370
460
270
0.91
0.96
PL9126
279
0.82
520
690
330
0.82
0.84
PL9127
335
0.72
571
760
390
0.72
0.80
PL9128
398
0.68
638
850
470
0.68
0.77
PL9129
464
0.63
844
1060
560
0.63
0.66
PL9130
563
0.57
943
1200
680
0.57
0.63
PL9131
681
0.52
1054
1550
820
0.52
0.60
PL9132
879
0.46
1418
1750
1000
0.46
0.50
*Inductance at 0ADC tolerance on indicated part numbers is ±30%; tolerance is ±20% on all other parts. Optional Tape & Reel packaging can
be ordered by adding a "T" suffix to the part number (i.e. PL9101 becomes PL9101T).
NOTES FROM TABLE: (See back page)
Electrical Specifications @ 25°C — Operating Temperature - 55°C to +130°C
NOTE: Pin 3 and Pin 4 are for
mechanical connection only.
Height: 0.248 inches (6.3mm) Max
Footprint: 0.413 inches x 0.413 inches (10.5mm x 10.5mm) Max
Inductance Range: 0.96µH to 879µH
Current Rating: up to 10.5A


Similar Part No. - PL9101

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
PL91C ZSELEC-PL91C Datasheet
1Mb / 14P
ZENER DIODES
logo
STMicroelectronics
PL91Z STMICROELECTRONICS-PL91Z Datasheet
199Kb / 3P
ZENDER DIODES DIODES ZENDER
More results

Similar Description - PL9101

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
SMT POWER INDUCTORS
logo
Coilcraft lnc.
LPO4815 COILCRAFT-LPO4815_15 Datasheet
446Kb / 2P
SMT Power Inductors
logo
Pulse A Technitrol Comp...
PA2891.XXXHL PULSE-PA2891.XXXHL Datasheet
736Kb / 3P
SMT Power Inductors
PA3288.XXXHL PULSE-PA3288.XXXHL Datasheet
439Kb / 3P
SMT Power Inductors
PA4340.XXXNLT PULSE-PA4340.XXXNLT Datasheet
3Mb / 4P
SMT Power Inductors
PA5002.XXXNLT PULSE-PA5002.XXXNLT Datasheet
1Mb / 5P
SMT Power Inductors
PG1083NL PULSE-PG1083NL Datasheet
455Kb / 2P
SMT Power Inductors
PG0936NL PULSE-PG0936NL Datasheet
384Kb / 2P
SMT Power Inductors
PA5189.XXXHLT PULSE-PA5189.XXXHLT Datasheet
777Kb / 3P
SMT Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com