Electronic Components Datasheet Search
  English  ▼

X  

W4165AI Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # W4165AI
Description  3G/GPRS/GSMGNSS IP67
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W4165AI Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  W4165AI Datasheet HTML 1Page - Pulse A Technitrol Company W4165AI Datasheet HTML 2Page - Pulse A Technitrol Company W4165AI Datasheet HTML 3Page - Pulse A Technitrol Company W4165AI Datasheet HTML 4Page - Pulse A Technitrol Company W4165AI Datasheet HTML 5Page - Pulse A Technitrol Company W4165AI Datasheet HTML 6Page - Pulse A Technitrol Company W4165AI Datasheet HTML 7Page - Pulse A Technitrol Company W4165AI Datasheet HTML 8Page - Pulse A Technitrol Company W4165AI Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Issue: 1718
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: 3G/GPRS/GSM + GNSS IP67
PART NUMBER: W4165XXX
Series: Outdoor Multi Band
2
This document covers all product variants of the following product family
Antennas
GSM Cable
GPS Cable
Cable Type
Cable Length
Connector
Cable Type
Cable Length
Connector
W4165
RG-174
Black
4000mm/157.5"/13.2'
SMA Male
RG-174
Black
4000mm/157.5"/13.2'
SMA Male
W4165AI
1524mm/60"/5'
TNC Male
1524mm/60"/5'
RP-TNC Male
W4165SMA5
1524mm/60"/5'
SMA Male
1524mm/60"/5'
SMA Male
W4165RPSMA10
3048mm/120"/10'
RP-SMA Male
3048mm/120"/10'
RP-SMA Male



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com