Electronic Components Datasheet Search
  English  ▼

X  

AP3068 Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AP3068
Description  WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3068 Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3068 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP3068 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Preliminary Datasheet
WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
AP3068
May. 2010
Rev. 1.3
BCD Semiconductor Manufacturing Limited
13
Typical Application (Continued)
VIN=6V to 27V
CIN
RUV1
RUV2
L
D
COUT
ROV1
ROV2
VOUT
Adjustable
Dimming
Signal
RISET
CVDD
ON OFF
CSS
RT
RCOMP
CVCC
RFB1
RFB2
UVLO
EN
SS
RT
COMP
VCC
FB2
FB1
AGND SDBX
VDD
ISET
PWM
CH8
CH2
CH1
OV
PGND1(2)
CS
OUT
VIN
VDD=4.2V to 5.5V
CH3
CH4
Figure 10. Typical Application Circuit of AP3068 (Paralleled Channel Application)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com