Electronic Components Datasheet Search
  English  ▼

X  

STP12N120K5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP12N120K5
Description  Worldwide best FOM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP12N120K5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP12N120K5 Datasheet HTML 3Page - STMicroelectronics STP12N120K5 Datasheet HTML 4Page - STMicroelectronics STP12N120K5 Datasheet HTML 5Page - STMicroelectronics STP12N120K5 Datasheet HTML 6Page - STMicroelectronics STP12N120K5 Datasheet HTML 7Page - STMicroelectronics STP12N120K5 Datasheet HTML 8Page - STMicroelectronics STP12N120K5 Datasheet HTML 9Page - STMicroelectronics STP12N120K5 Datasheet HTML 10Page - STMicroelectronics STP12N120K5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
STH12N120K5-2, STP12N120K5,
STW12N120K5, STWA12N120K5
Electrical characteristics
DocID022133 Rev 4
7/21
Figure 8: Gate charge vs gate-source voltage
Figure 9: Static drain-source on-resistance
Figure 10: Capacitance variations
Figure 11: Output capacitance stored energy
Figure 12: Normalized gate threshold voltage vs
temperature
Figure 13: Normalized on-resistance vs temperature
VGS
6
4
2
0
0
20
Qg(nC)
(V)
8
30
40
10
VDD=960V
ID=12 A
600
400
200
0
800
1000
VDS
10
VDS
(V)
GIPD300320151058MT
GIPD300320151223MT
RDS(on)
0.62
0.58
0.54
0
10
ID(A)
(
Ω)
5
15
0.66
VGS=10V
0.7
0.74
0.78
20
C
100
10
1
0.1
0.1
10
VDS(V)
(pF)
1
100
Cies
Coes
Cres
1000
10000
GIPD300320151226MT
Eoss
8
4
0
0
200
VDS(V)
(µJ)
800
400
600
12
1000
16
20
24
GIPD300320151232MT
VGS(th)
1
0.8
0.6
0.4
-75
TJ(°C)
(norm)
-25
1.2
25
75
ID=100µ A
125
GIPD300320151241MT
1.5
1
0.5
0
TJ(°C)
2
2.5
RDS(on)
(norm)
VGS=10V
-75
-25
25
75
125
GIPD300320151244MT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com