Electronic Components Datasheet Search
  English  ▼

X  

STIPN2M50-H Datasheet(PDF) 1 Page - STMicroelectronics

Part # STIPN2M50-H
Description  Undervoltage lockout
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STIPN2M50-H Datasheet(HTML) 1 Page - STMicroelectronics

  STIPN2M50-H Datasheet HTML 1Page - STMicroelectronics STIPN2M50-H Datasheet HTML 2Page - STMicroelectronics STIPN2M50-H Datasheet HTML 3Page - STMicroelectronics STIPN2M50-H Datasheet HTML 4Page - STMicroelectronics STIPN2M50-H Datasheet HTML 5Page - STMicroelectronics STIPN2M50-H Datasheet HTML 6Page - STMicroelectronics STIPN2M50-H Datasheet HTML 7Page - STMicroelectronics STIPN2M50-H Datasheet HTML 8Page - STMicroelectronics STIPN2M50-H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
February 2017
DocID030065 Rev 4
1/21
This is information on a product in full production.
www.st.com
STIPN2M50-H
SLLIMM™-nano small low-loss intelligent molded module
IPM, 3-
phase inverter, 2 A, 1.7 Ω max., 500 V MOSFET
Datasheet - production data
Features
IPM 2 A, 500 V, RDS(on)
= 1.7 Ω, 3-phase
MOSFET inverter bridge including control
ICs for gate driving
Optimized for low electromagnetic
interference
3.3 V, 5 V, 15 V CMOS/TTL input
comparators with hysteresis and pull-
down/pull-up resistors
Undervoltage lockout
Internal bootstrap diode
Interlocking function
Smart shutdown function
Comparator for fault protection against
overtemperature and overcurrent
Op-amp for advanced current sensing
Optimized pinout for easy board layout
Up to ±2 kV ESD protection (HBM
C = 100 pF, R =
1.5 kΩ)
Applications
3-phase inverters for small power motor
drives
Dish washers, refrigerator compressors,
heating systems, air-conditioning fans,
draining and recirculation pumps
Description
This SLLIMM (small low-loss intelligent molded
module) nano provides a compact, high
performance AC motor drive in a simple, rugged
design. It is composed of six MOSFETs and three
half-bridge HVICs for gate driving, providing low
electromagnetic interference (EMI) characteristics
with optimized switching speed. The package is
optimized for thermal performance and
compactness in built-in motor applications, or
other low power applications where assembly
space is limited. This IPM includes an operational
amplifier, completely uncommitted, and a
comparator that can be used to design a fast and
efficient protection circuit. SLLIMM™ is a
trademark of STMicroelectronics.
Table 1: Device summary
Order code
Marking
Package
Packing
STIPN2M50-H
IPN2M50-H
NDIP-26L
Tube


Similar Part No. - STIPN2M50-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIPN2M50-H STMICROELECTRONICS-STIPN2M50-H Datasheet
981Kb / 19P
SLLIMM-nano IPM, 3-phase inverter, 2 A, 1.7 Ω max., 500 V MOSFET
28-Jan-2020
STIPN2M50-H STMICROELECTRONICS-STIPN2M50-H_V01 Datasheet
981Kb / 19P
SLLIMM-nano IPM, 3-phase inverter, 2 A, 1.7 Ω max., 500 V MOSFET
28-Jan-2020
More results

Similar Description - STIPN2M50-H

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS2842A CHERRY-CS2842A Datasheet
156Kb / 6P
Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
Rev. 10/23/98
logo
ON Semiconductor
CS2842A ONSEMI-CS2842A Datasheet
273Kb / 10P
Off-Line Current Mode PWM Control Circuit with Undervoltage Lockout
July, 2006 ??Rev. 4
logo
International Rectifier
AUIRS2004S IRF-AUIRS2004S Datasheet
301Kb / 16P
Automotive Grade HALF-BRIDGE DRIVER IC Undervoltage lockout
IR2130DSCB IRF-IR2130DSCB Datasheet
176Kb / 21P
Undervoltage lockout for all channels
logo
STMicroelectronics
EV-VND7050AJ STMICROELECTRONICS-EV-VND7050AJ Datasheet
438Kb / 7P
Undervoltage shutdown
21-Jul-2014
STGIPS10C60T-H STMICROELECTRONICS-STGIPS10C60T-H Datasheet
635Kb / 19P
Undervoltage lockout
08-Apr-2015
STGIPS14K60T-H STMICROELECTRONICS-STGIPS14K60T-H Datasheet
678Kb / 19P
Undervoltage lockout
15-Apr-2015
STGIPS20C60-H STMICROELECTRONICS-STGIPS20C60-H Datasheet
791Kb / 20P
Undervoltage lockout
10-Apr-2015
STIPN2M50T-HL STMICROELECTRONICS-STIPN2M50T-HL Datasheet
1,003Kb / 23P
Undervoltage lockout
01-Feb-2017
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com