Electronic Components Datasheet Search
  English  ▼

X  

BAL74 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # BAL74
Description  SOT23 HIGH SPEED SWITCHING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BAL74 Datasheet(HTML) 2 Page - Zetex Semiconductors

  BAL74 Datasheet HTML 1Page - Zetex Semiconductors BAL74 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOT23 HIGH SPEED SWITCHING DIODES
ISSUE 3 – FEBRUARY 1997
PIN CONFIGURATION
PARTMARKING DETAILS
BAL74 – JC
BAR74 – JB
BAL74
BAR74
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Continuous Reverse Voltage
VR
50
V
Average Output Rectified Current
(tav = 10ms)
Io
100
mA
Continuous Forward Current
IF
150
mA
Peak Forward Current ( t = 15ms)
IFM
200
mA
Forward Surge Current (t = 1µs)
IFS
1A
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°
C
Power Dissipation at Tamb =25°C
Ptot
330
mW
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX. UNIT
CONDITIONS.
Breakdown Voltage
VBR
51
V
IR = 5µA
Forward Voltage
VF
1.0
V
IF = 100mA
Reverse current
IR
0.1
100
µ
A
µ
A
VR = 50V
VR = 50V, Tamb = 125°C
Capacitance
Co
2.0
pF
VR = 0
Reverse Recovery Time trr
4
2
ns
ns
IF = IR = 10mA, IRR = 1mA
IF = 10mA, VR = 6V
RL = 100Ω
Spice parameter data is available upon request for this device
BAL74
BAR74
PAGE NO
1
3
2
SOT23

!

IF v VF
0
0.2
0.4
0.6
0.8
1.0
100
80
60
20
0
40
VF - (Volts)
Circuit For Measuring Switching Time
IF=10mA
IR=10mA
Irr
0mA
Trr2
Trr1
1kΩ
0.2µF
+11V
VIN
VOUT
0.1µF
Pulse is supplied by a generator with the following
characteristics:
Output impedance = 50Ω
Rise time <= 0.5ns
Pulse width = 100ns
Output is monitored on a sampling oscilloscope
with the following characteristics:
Input impedance = 50Ω
Rise time <= 0.6ns
BAL74
BAR74



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com