Electronic Components Datasheet Search
  English  ▼

X  

STL7N80K5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL7N80K5
Description  Ultra low gate charge
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL7N80K5 Datasheet(HTML) 3 Page - STMicroelectronics

  STL7N80K5 Datasheet HTML 1Page - STMicroelectronics STL7N80K5 Datasheet HTML 2Page - STMicroelectronics STL7N80K5 Datasheet HTML 3Page - STMicroelectronics STL7N80K5 Datasheet HTML 4Page - STMicroelectronics STL7N80K5 Datasheet HTML 5Page - STMicroelectronics STL7N80K5 Datasheet HTML 6Page - STMicroelectronics STL7N80K5 Datasheet HTML 7Page - STMicroelectronics STL7N80K5 Datasheet HTML 8Page - STMicroelectronics STL7N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DocID025551 Rev 1
3/17
STL7N80K5
Electrical ratings
17
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate-source voltage
± 30
V
ID
(1)
1.
The value is rated according to Rthj-case and limited by package.
Drain current (continuous) at TC = 25 °C
3.6
A
ID
(1)
Drain current (continuous) at TC = 100 °C
2.3
A
IDM
(1),(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
14
A
PTOT
(1)
Total dissipation at TC = 25 °C
42
W
IAR
(3)
3.
Pulse width limited by Tjmax
Avalanche current, repetitive or not-
repetitive (pulse width limited by Tj max)
2A
EAS
(4)
4.
Starting Tj=25 °C, ID=IAR, VDD=50 V
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
88
mJ
dv/dt (5)
5.
ISD ≤ 3.6 A, di/dt ≤ 100 A/µs, VDS(peak) ≤ V(BR)DSS
Peak diode recovery voltage slope
4.5
V/ns
dv/dt (6)
6.
VDS ≤ 640 V
MOSFET dv/dt ruggedness
50
V/ns
Tstg
Storage temperature
- 55 to 150
°C
Tj
Max. operating junction temperature
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case max
3
°C/W
Rthj-amb
(1)
1.
When mounted on 1inch² FR-4 board, 2 oz Cu.
Thermal resistance junction-amb max
59
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com