Electronic Components Datasheet Search
  English  ▼

X  

STL8P2UH7 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL8P2UH7
Description  Switching applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL8P2UH7 Datasheet(HTML) 4 Page - STMicroelectronics

  STL8P2UH7 Datasheet HTML 1Page - STMicroelectronics STL8P2UH7 Datasheet HTML 2Page - STMicroelectronics STL8P2UH7 Datasheet HTML 3Page - STMicroelectronics STL8P2UH7 Datasheet HTML 4Page - STMicroelectronics STL8P2UH7 Datasheet HTML 5Page - STMicroelectronics STL8P2UH7 Datasheet HTML 6Page - STMicroelectronics STL8P2UH7 Datasheet HTML 7Page - STMicroelectronics STL8P2UH7 Datasheet HTML 8Page - STMicroelectronics STL8P2UH7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STL8P2UH7
4/14
DocID025128 Rev 2
2
Electrical characteristics
(T C= 25 °C unless otherwise specified)
Table 4: On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
VGS= 0, ID= 250 μA
20
V
IDSS
Zero gate voltage
drain current
VGS= 0, VDS= 20 V
1
μA
IGSS
Gate-body leakage
current
VDS= 0, VGS= ± 5 V
± 5
μA
VGS(th)
Gate threshold
voltage
VDS= VGS, ID= 250 μA
0.4
1
V
RDS(on)
Static drain-source
on- resistance
VGS= 4.5 V, ID= 4 A
0.0195
0.0225
Ω
VGS= 2.5 V, ID= 4 A
0.02
0.025
Ω
VGS= 1.8 V, ID= 4 A
0.036
0.043
Ω
VGS= 1.5 V, ID= 4 A
0.05
0.085
Ω
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VGS= 0, VDS= 16 V,
f = 1 MHz
-
2390
-
pF
Coss
Output capacitance
-
220
-
pF
Crss
Reverse transfer
capacitance
-
188
-
pF
Qg
Total gate charge
VDD= 16 V, ID= 8 A,
VGS= 4.5 V
-
22
-
nC
Qgs
Gate-source charge
-
4.2
-
nC
Qgd
Gate-drain charge
-
3.6
-
nC
For the P-channel Power MOSFET the actual polarity of the voltages and the
current must be reversed.
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Uni
t
td(on)
Turn-on delay time
VDD= 16 V, ID= 8 A,
RG= 1 Ω, VGS= 4.5 V
-
12.5
-
ns
tr
Rise time
-
30.5
-
ns
td(off)
Turn-off delay time
-
128
-
ns
tf
Fall time
-
84.5
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com