Electronic Components Datasheet Search
  English  ▼

X  

BAW74 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BAW74
Description  SOT23 HIGH SPEED SWITCHING DIODE PAIR COMMON ANODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BAW74 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BAW74 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT23 HIGH SPEED SWITCHING
DIODE PAIR COMMON ANODE
ISSUE 3– JULY 1998
PIN CONFIGURATION
PARTMARKING DETAILS
BAW74 – W74
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Continuous Reverse Voltage
VR
50
V
Average Output Rectified Current
(tav = 10ms)
Io
100
mA
Continuous Forward Current
IF
150
mA
Peak Forward Current ( t = 15ms)
IFM
200
mA
Forward Surge Current (t = 1
µs)
IFS
1000
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Breakdown Voltage
VBR
51
V
IR = 5µA
Forward Voltage
VF
1.0
V
IF = 100mA
Reverse current
IR
0.1
100
µA
µA
VR = 50V
VR = 50V, Tamb = 125°C
Capacitance
Co
2.0
pF
VR = 0
Reverse Recovery
Time
trr
4
2
ns
ns
IF = IR = 10mA, IRR =
1mA
IF = 10mA, VR = 6V,
RL = 100Ω
Spice parameter data is available upon request for this device
See BAV74 datasheet for Switching Time Circuit
BAW74
1
3
2
SOT23
1
3
2


Similar Part No. - BAW74

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BAW74 FAIRCHILD-BAW74 Datasheet
58Kb / 2P
Small Signal Diode
logo
TRANSYS Electronics Lim...
BAW74 TEL-BAW74 Datasheet
96Kb / 2P
SILICON PLANAR DUAL SWITCHING DIODES
logo
Continental Device Indi...
BAW74 CDIL-BAW74 Datasheet
199Kb / 3P
SILICON PLANAR DUAL SWITCHING DIODES
More results

Similar Description - BAW74

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC807 SANYO-FC807 Datasheet
46Kb / 2P
High-Speed Switching Composite Diode Anode Common
logo
List of Unclassifed Man...
FMMD7000 ETC-FMMD7000 Datasheet
28Kb / 1P
SOT23 SILICON PLANAR HIGH SPEED SWITCHING DIODE PAIR (SERIES)
logo
Zetex Semiconductors
FMMD2838 ZETEX-FMMD2838 Datasheet
98Kb / 2P
SOT23 SILICON PLANAR HIGH SPEED SWITCHING COMMON CATHODE DIODE PAIR
FMMD6100 ZETEX-FMMD6100 Datasheet
98Kb / 2P
SOT23 SILICON PLANAR HIGH SPEED SWITCHING COMMON CATHODE DIODE PAIR
FMMD2837 ZETEX-FMMD2837 Datasheet
98Kb / 2P
SOT23 SILICON PLANAR HIGH SPEED SWITCHING COMMON CATHODE DIODE PAIR
FMMD2835 ZETEX-FMMD2835 Datasheet
186Kb / 2P
SOT23 SILICON PLANAR HIGH SPEED SWITCHING COMMON ANODE DIODE PAIR
FMMD2836 ZETEX-FMMD2836 Datasheet
98Kb / 2P
SWITCHING COMMON ANODE DIODE PAIR
BAV74 ZETEX-BAV74 Datasheet
120Kb / 3P
SOT23 HIGH SPEED SWITCHING DIODE PAIR COMMON CATHODE
BAW56 ZETEX-BAW56 Datasheet
32Kb / 1P
SOT23 SILICON PLANAR HIGH SPEED SWITCHING DIODE PAIR COMMON ANODE
logo
Nexperia B.V. All right...
BAW56QA NEXPERIA-BAW56QA Datasheet
701Kb / 13P
Dual common anode high-speed switching diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com