Electronic Components Datasheet Search
  English  ▼

X  

BC372P Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BC372P
Description  NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BC372P Datasheet(HTML) 1 Page - Zetex Semiconductors

  BC372P Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NPN SILICON PLANAR MEDIUM
POWER DARLINGTON TRANSISTOR
ISSUE 2 – SEPT 93
FEATURES
* 100 Volt VCEO
* Gain of 8k at IC=250mA
*Ptot=1 Watt
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
12
V
Peak Pulse Current
ICM
2A
Continuous Collector Current
IC
1A
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +200
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN.
TYP.
MAX. UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
100
V
IC=100µA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CES
100
V
IC=100µA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
12
V
IE=10µA, IC=0
Collector Cut-Off
Current
ICBO
100
nA
VCB=80V, IE=0
Emitter Cut-Off Current IEBO
100
nA
VEB=10V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
1.1
V
IC=250mA, IB=0.25mA
Base-Emitter
Saturation Voltage
VBE(sat)
2V
IC=250mA, IB=0.25mA
Static Forward Current
Transfer Ratio
hFE
10K
8K
IC=100mA, VCE=5V*
IC=250mA, VCE=5V*
Transition
Frequency
fT
100
MHz
IC=100mA, VCE=5V
f=100MHz
Output Capacitance
Cobo
25
pF
VCB=10V, f=1MHz
E-Line
TO92 Compatible
C
B
E
BC372P
3-17
PART OBSOLETE - USE ZTX603


Similar Part No. - BC372P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC372 MOTOROLA-BC372 Datasheet
107Kb / 4P
High Voltage Darlington Transistors
logo
ON Semiconductor
BC372 ONSEMI-BC372 Datasheet
53Kb / 4P
High Voltage Darlington Transistors
January, 2006 ??Rev. 3
BC372 ONSEMI-BC372 Datasheet
64Kb / 4P
High Voltage Darlington Transistors
March, 2007 ??Rev. 4
logo
New Jersey Semi-Conduct...
BC372 NJSEMI-BC372 Datasheet
94Kb / 3P
High Voltage Darlington Transistors
logo
Zetex Semiconductors
BC372 ZETEX-BC372 Datasheet
478Kb / 1P
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
More results

Similar Description - BC372P

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT614 ZETEX-FMMT614 Datasheet
148Kb / 2P
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
FZT600 ZETEX-FZT600 Datasheet
100Kb / 2P
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
ZTX614 ZETEX-ZTX614 Datasheet
33Kb / 1P
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
FXT603 ZETEX-FXT603 Datasheet
29Kb / 1P
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
FXT601B ZETEX-FXT601B Datasheet
37Kb / 1P
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
FXT38C ZETEX-FXT38C Datasheet
29Kb / 1P
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
FXT614 ZETEX-FXT614 Datasheet
29Kb / 1P
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
Diodes Incorporated
ZTX614 DIODES-ZTX614 Datasheet
45Kb / 1P
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
APRIL 1994
ZTX614 DIODES-ZTX614_15 Datasheet
45Kb / 1P
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
APRIL 1994
logo
Zetex Semiconductors
BC372 ZETEX-BC372 Datasheet
478Kb / 1P
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com