Electronic Components Datasheet Search
  English  ▼

X  

SI9913 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI9913
Description  Dual MOSFET Bootstrapped Driver with Break-Before-Make
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9913 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI9913 Datasheet HTML 1Page - Vishay Siliconix SI9913 Datasheet HTML 2Page - Vishay Siliconix SI9913 Datasheet HTML 3Page - Vishay Siliconix SI9913 Datasheet HTML 4Page - Vishay Siliconix SI9913 Datasheet HTML 5Page - Vishay Siliconix SI9913 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Si9913
Vishay Siliconix
New Product
Document Number: 71343
S-02882—Rev. A, 21-Dec-00
www.vishay.com
3
SPECIFICATIONS
Parameter
Unit
Limits
Test Conditions Unless Specified
VBOOT = 4.5 to 30 V, VDD = 4.5 to 5.5 V
TA = –40 to 85_C
Symbol
Parameter
Unit
Maxa
Typb
Mina
Test Conditions Unless Specified
VBOOT = 4.5 to 30 V, VDD = 4.5 to 5.5 V
TA = –40 to 85_C
Symbol
Bootstrap Diode
Diode Forward Voltage
VFD1
Forward Current = 100 mA
0.8
1
V
Output Drive Current
OUTH Source Current
IOUT( H+)
VBOOT – VS = 3.7 V, VOUTH – VS = 2 V
–0.4
OUTH Sink Current
IOUT(H–)
VBOOT – VS = 3.7 V, VOUTH – VS = 1 V
0.4
OUTL Source Current
IOUT (L+)
VDD = 4.5 V, VOUTL = 2 V
–0.4
A
OUTL Sink Current
IOUT(L–)
VDD = 4.5 V, VOUTL = 1 V
0.6
Timing (CLOAD = 3 nF)
OUTL Off Propagation Delay
tpdl(OUTL)
30
OUTL On Propagation Delay
tpdh(OUTL)
VDD = 4.5 V
20
OUTH Off Propagation Delay
tpdl(OUTH)
30
OUTH On Propagation Delay
tpdh(OUTH)
VBOOT – VS = 4.5 V
20
OUTL Turn On Time
tr(OUTL)
OUTL = 10 to 90%
25
ns
OUTL Turn Off Time
tf(OUTL)
OUTL = 90 to 10%
25
OUTH Turn On Time
tr(OUTH)
OUTH – VS = 10 to 90%
30
OUTH Turn Off Time
tf(OUTH)
OUTH – VS = 90 to 10%
30
Notes
a.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
b.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
TIMING WAVEFORMS
OUTH
10%
10%
90%
90%
VS
OUTL
IN
50%
50%
tpdh(OUTL)
tf(OUTL)
tpdh(OUTH)
90%
10%
tr(OUTH)
tpdl(OUTH)
tf(OUTH)
tpdl(OUTL)
tr(OUTL)
10%
90%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com