Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDT2DBVR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT2DBVR
Description  High-Speed Differential Line Drivers and Receivers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDT2DBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN65LVDT2DBVR Datasheet HTML 17Page - Texas Instruments SN65LVDT2DBVR Datasheet HTML 18Page - Texas Instruments SN65LVDT2DBVR Datasheet HTML 19Page - Texas Instruments SN65LVDT2DBVR Datasheet HTML 20Page - Texas Instruments SN65LVDT2DBVR Datasheet HTML 21Page - Texas Instruments SN65LVDT2DBVR Datasheet HTML 22Page - Texas Instruments SN65LVDT2DBVR Datasheet HTML 23Page - Texas Instruments SN65LVDT2DBVR Datasheet HTML 24Page - Texas Instruments SN65LVDT2DBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
SN65LVDS1, SN65LVDS2, SN65LVDT2
www.ti.com
SLLS373L – JULY 1999 – REVISED DECEMBER 2014
10.2.1.2.3
Driver Input Voltage
The SN65LVDS1 input is designed to support a wide input voltage range. The input stage can accept signals as
high as 5 V, independent of the supply voltage being used on the driver. This wide input range allows operation
with 3.3-V and 5-V sources. While the input stage does support this wide input range, the driver will operate with
a decision threshold of ~1.4 V. For LVTTL input signals, this threshold is well-matched to the voltages
representing HI and LO logic levels. For 5-V TTL input signals and CMOS input signals, this fixed threshold at
1.4 V will result in some duty-cycle distortion. The level of the distortion is easily calculated based upon the input
slew rate, as well as the signaling rate of the input data. Quite often this distortion is insignificant, although the
designer should consider this effect where the device is operated at higher speeds, or when duty-cycle is a
critical feature.
10.2.1.2.4
Driver Output Voltage
The SN65LVDS1 driver output is a 1.2-V common-mode voltage, with a nominal differential output signal of 350
mV. This 350 mV is the absolute value of the differential swing (VOD = |V
+– V–|). The peak-to-peak differential
voltage is twice this value, or 700 mV. As mentioned previously, the minimum differential output voltage is 200
mV when the supply voltage is between 2.4 V and 3 V. While 200 mV does not meet the minimum specified
voltage for an LVDS-compliant driver, the designer may choose to employ this driver with a lower supply voltage,
as long as attention is paid to the channel noise margin.
As we will see shortly, LVDS receiver thresholds are ±100 mV. With these receiver decision thresholds, it is clear
that the disadvantage of operating the driver with a lower supply will be noise margin. With fully compliant LVDS
drivers and receivers, we would expect a minimum of ~150 mV of noise margin (247-mV minimum output
voltage – 100-mV maximum input requirement). If we operate the SN65LVDS1 with a supply in the range of 2.4
V to 3 V, the minimum noise margin will drop to 100 mV (200 mV – 100 mV).
10.2.1.2.5
Interconnecting Media
The physical communication channel between the driver and the receiver may be any balanced paired metal
conductors meeting the requirements of the LVDS standard, the key points which will be included here. This
media may be a twisted pair, twinax, flat ribbon cable, or PCB traces.
The nominal characteristic impedance of the interconnect should be between 100
Ω and 120 Ω with variation no
more than 10% (90
Ω to 132 Ω).
10.2.1.2.6
PCB Transmission Lines
As per SNLA187, Figure 20 depicts several transmission line structures commonly used in printed-circuit boards
(PCBs). Each structure consists of a signal line and a return path with uniform cross-section along its length. A
microstrip is a signal trace on the top (or bottom) layer, separated by a dielectric layer from its return path in a
ground or power plane. A stripline is a signal trace in the inner layer, with a dielectric layer in between a ground
plane above and below the signal trace. The dimensions of the structure along with the dielectric material
properties determine the characteristic impedance of the transmission line (also called controlled-impedance
transmission line).
When two signal lines are placed close by, they form a pair of coupled transmission lines. Figure 20 shows
examples of edge-coupled microstrips, and edge-coupled or broad-side-coupled striplines. When excited by
differential signals, the coupled transmission line is referred to as a differential pair. The characteristic impedance
of each line is called odd-mode impedance. The sum of the odd-mode impedances of each line is the differential
impedance of the differential pair. In addition to the trace dimensions and dielectric material properties, the
spacing between the two traces determines the mutual coupling and impacts the differential impedance. When
the two lines are immediately adjacent; for example, S is less than 2W, the differential pair is called a tightly-
coupled differential pair. To maintain constant differential impedance along the length, it is important to keep the
trace width and spacing uniform along the length, as well as maintain good symmetry between the two lines.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: SN65LVDS1 SN65LVDS2 SN65LVDT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com