Electronic Components Datasheet Search
  English  ▼

X  

THS4524MDBTREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS4524MDBTREP
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4524MDBTREP Datasheet(HTML) 4 Page - Texas Instruments

  THS4524MDBTREP Datasheet HTML 1Page - Texas Instruments THS4524MDBTREP Datasheet HTML 2Page - Texas Instruments THS4524MDBTREP Datasheet HTML 3Page - Texas Instruments THS4524MDBTREP Datasheet HTML 4Page - Texas Instruments THS4524MDBTREP Datasheet HTML 5Page - Texas Instruments THS4524MDBTREP Datasheet HTML 6Page - Texas Instruments THS4524MDBTREP Datasheet HTML 7Page - Texas Instruments THS4524MDBTREP Datasheet HTML 8Page - Texas Instruments THS4524MDBTREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
THS4524-EP
SBOS609A – JUNE 2012 – REVISED AUGUST 2013
www.ti.com
THERMAL INFORMATION
THS4524
THERMAL METRIC(1)
DBT
UNITS
38 PINS
θJA
Junction-to-ambient thermal resistance(2)
106.9
θJCtop
Junction-to-case (top) thermal resistance(3)
59.8
θJB
Junction-to-board thermal resistance(4)
66.5
°C/W
ψJT
Junction-to-top characterization parameter(5)
17.1
ψJB
Junction-to-board characterization parameter(6)
66.1
θJCbot
Junction-to-case (bottom) thermal resistance(7)
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
ELECTRICAL CHARACTERISTICS: VS+ – VS– = 3.3 V
At VS+ = +3.3 V, VS– = 0 V, VOCM = open, VOUT = 2 VPP (differential), RL = 1 kΩ differential, G = 1 V/V, single-ended input,
differential output, and input and output referenced to midsupply, unless otherwise noted.
TA = -55°C to 125°C
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
AC PERFORMANCE
Small-Signal Bandwidth
VOUT = 100 mVPP, G = 1
135
MHz
C
VOUT = 100 mVPP, G = 2
49
MHz
C
VOUT = 100 mVPP, G = 5
18.6
MHz
C
VOUT = 100 mVPP, G = 10
9.3
MHz
C
Gain Bandwidth Product
VOUT = 100 mVPP, G = 10
93
MHz
C
Large-Signal Bandwidth
VOUT = 2 VPP, G = 1
95
MHz
C
Bandwidth for 0.1-dB Flatness
VOUT = 2 VPP, G = 1
20
MHz
C
Rising Slew Rate (Differential)
VOUT = 2-V Step, G = 1, RL = 200 Ω
420
V/
μs
C
Falling Slew Rate (Differential)
VOUT = 2-V Step, G = 1, RL = 200 Ω
460
V/
μs
C
Overshoot
VOUT = 2-V Step, G = 1, RL = 200 Ω
1.2
%
C
Undershoot
VOUT = 2-V Step, G = 1, RL = 200 Ω
2.1
%
C
Rise Time
VOUT = 2-V Step, G = 1, RL = 200 Ω
4
ns
C
Fall Time
VOUT = 2-V Step, G = 1, RL = 200 Ω
3.5
ns
C
Settling Time to 1%
VOUT = 2-V Step, G = 1, RL = 200 Ω
13
ns
C
Harmonic Distortion
f = 1 kHz, VOUT = 1 VRMS, G = 1
(2),
2nd harmonic
–122
dBc
C
differential input
f = 1 MHz, VOUT = 2 VPP, G = 1
–85
dBc
C
f = 1 kHz, VOUT = 1 VRMS, G = 1
(2),
3rd harmonic
–141
dBc
C
differential input
f = 1 MHz, VOUT = 2 VPP, G = 1
–90
dBc
C
Two-tone, f1 = 2 MHz, f2 = 2.2 MHz,
Second-Order Intermodulation Distortion
–83
dBc
C
VOUT = 2-VPP envelope
(1)
Test levels: (A) 100% tested. (B) Limits set by characterization and simulation. (C) Typical value only for information.
(2)
Not directly measureable; calculated using noise gain of 101 as described in the Applications section, Audio Performance.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links :THS4524-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com