Electronic Components Datasheet Search
  English  ▼

X  

P501XG Datasheet(PDF) 2 Page - NEC

Part # P501XG
Description  NEC P501XG Semi Professional Projector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

P501XG Datasheet(HTML) 2 Page - NEC

  P501XG Datasheet HTML 1Page - NEC P501XG Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NEC P501X
SPECIAL CHARACTERISTICS
Auto Eco Mode, Auto Power ON/OFF, Auto Power ON/OFF, Carbon
Savings Meter, Contrast Ratio 4000:1 with Iris, Control ID Function,
DICOM Simulation, Direct Power-Off Function, Direct Power-Off
Help Function, HTTP Browser Control, Kensington security
slot, Keypad Lock, Keystone Correction (H=±30°, V=±30°), Lens
Cover, Lens Shift, vertical +50%, Magnify, Manual Wall Color
Correction, Mouse Control with USB Display, Off-Timer, Off-Timer,
Optional User Logo, OSD with 27 languages, Password Security
System, Pincushion Correction, Plug&Play W-LAN Option, Quick Start,
Remote Desktop, Source Select with Beep Function, Test Pattern,
Timer-Function, Timer-Function, Unique Power Saving Functions, USB
Display including Audio, USB Viewer, Virtual Remote for direct PC
control, Windows 7 Network Projector, Windows Media Connect
Function, Windows Network Drive
Energy Efficiency
Auto ECO Mode; Green one touch ECO and
AV mute button; 75% AV mute function
Ecological Materials Downloadable manuals; ECO packaging
Ecological Standards RoHs compliant; ErP compliant
Technical Specification NEC P501X
IMAGE
Display
3 x 1.6 cm (0.63") LCD Panel with SMLA
Native Resolution
1024 x 768 (XGA)
Contrast Ratio
1
4000:1
Brightness 1
5000 High Bright / 4000 Normal / 3000 Eco ANSI Lumens
Lamp
270 W UHP AC
Lamp Life [hrs]
6000 Eco / 4000 Normal / 3500 High Bright Mode
Lens
F= 1.7–2, f= 17.4–29 mm
Lens shift
Vertical lens shift 0 - 0.5
Keystone correction
manual H/V +/-30°
Projection Factor
1.3 – 2.2 : 1
Projection Distance [m]
0.6 – 13.8
Screen Size (diagonal) [cm]
Minimum: 64 / 25"; Maximum: 762 / 300"
Zoom
1 - 1.7
Focus Adjustment
Manual
Supported Resolutions
Up to 1920 x 1200 (WUXGA)
Frequency
Horizontal: 15–100 kHz (RGB: 24 kHz); Vertical: 50 – 120 Hz
CONNECTIVITY
RGB (analog)
Input: 1 x Mini D-sub 15 pin
Output: 1 x Mini D-sub 15 pin
HDMI™
Input: 2 x HDMI™ (Deep Color, Lip sync) with HDCP
Video
Input: 1 x RCA
S-Video
Input: 1 x Mini DIN 4-pin
Audio
Input: 1 x 3.5 mm Microphone Jack; 1 x 3.5 mm Stereo Mini Jack for
Computer analog; 2 x HDMI audio; 1 x RCA Stereo for Video and S-
Video
Output: 1 x 3.5 mm Stereo Mini Jack (variable)
PC Control
Input: 1 x D-Sub 9 pin (RS-232) (male)
LAN
1 x RJ45
USB
1 x Type B; 2 x Type A (USB 2.0 high speed)
Video Signals
PAL; PAL60; NTSC 3.58; SECAM; NTSC 4.43; PAL-N; PAL-M
REMOTE CONTROL
Remote Control
Aspect Ratio; Audio Control; Auto Adjust; Eco Mode Control; Freeze-
function; Help-function; ID set; Keystone Correction; Magnify-function;
Page (up, down); Picture Adjust; Picture Mute; Power (On-OFF);
Presentation and Mouse Control; Select (up, down, left, right); Source
Select
ELECTRICAL
Power Supply
100-240 V AC; 50 - 60 Hz
Power Consumption [W]
357 (High Bright) / 292 (Normal) / 248 (Eco) / 10 (Stand-by) / 2.8
(Network Stand-by) / 0.4 (Power Savings Mode)
MECHANICAL
Dimensions (W x H x D) [mm]
398 x 115 x 282 (without lens and feet)
Weight [kg]
4.1
Fan Noise [dB (A)]
30 / 37 (Eco / Normal)
OPTIONAL ACCESSORIES
Optional Accessories
Adapter for Intel® WiDi (NP01WR); Cable Cover (NP03CV); Free
Wireless Image Utility App; Lamp (NP23LP); Universal Ceiling Mounts
(NP01/02/03/04/05UCM); Wireless LAN module NP02LM2 (Europe),
NP02LM3 (Russia)
ERGONOMICS
Safety and Ergonomics
CE; ErP; TÜV GS; RoHS
Speakers [W]
1 x 16 (mono)
WARRANTY
Projectors
3 years pan-European service
Lamp
6 months, max. 2000 hrs
SHIPPING CONTENT
Shipping Contents
Projector; IR Remote Control (RD-448E); Mini D-SUB Signal Cable (1.8
m); Power Cord (1.8 m); Utility software; Security Sticker; Users
Manual; Quick Setup Guide
GREEN FEATURES (DATASHEET)
Energy Efficiency
0.4W Power save mode
1
Compliance with ISO21118-2005
; G ost-R; IEC 80950-1.Meets AS /NZS C ISP R.22 C lass B
For more information, visit au.nec.com, email contactus@nec.com.au or call 131 632



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com