Electronic Components Datasheet Search
  English  ▼

X  

L6221 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6221
Description  Quad Darlington switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6221 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6221 Datasheet HTML 4Page - STMicroelectronics L6221 Datasheet HTML 5Page - STMicroelectronics L6221 Datasheet HTML 6Page - STMicroelectronics L6221 Datasheet HTML 7Page - STMicroelectronics L6221 Datasheet HTML 8Page - STMicroelectronics L6221 Datasheet HTML 9Page - STMicroelectronics L6221 Datasheet HTML 10Page - STMicroelectronics L6221 Datasheet HTML 11Page - STMicroelectronics L6221 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Test circuits
8/22
5
Test circuits
Note:
Pin numbers without parentheses apply to the Power DIP package.
Pin numbers in parentheses are not applicable.
Figure 3.
Logic supply current
Figure 4.
Output sustaining voltage
Figure 5.
Output leakage current
Set VIN = 4.5 V, VEN = 0.8 V, or VIN = 0.8 V, VEN = 4.5 V, for IS (all outputs off)
S
et VIN = 2 V, VEN = 2 V, for IS (all outputs on)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com