Electronic Components Datasheet Search
  English  ▼

X  

L9301 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 30Page - STMicroelectronics L9301 Datasheet HTML 31Page - STMicroelectronics L9301 Datasheet HTML 32Page - STMicroelectronics L9301 Datasheet HTML 33Page - STMicroelectronics L9301 Datasheet HTML 34Page - STMicroelectronics L9301 Datasheet HTML 35Page - STMicroelectronics L9301 Datasheet HTML 36Page - STMicroelectronics L9301 Datasheet HTML 37Page - STMicroelectronics L9301 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
BIST
L9301
34/51
DocID028688 Rev 6
11
BIST
After VDD and VB power on with RES = Hi, SCK = Lo a digital logic BIST (build-in self-test)
it's started and it takes max 11ms to be completed. The BIST status register (0x1E) contains
three bits to reflect the status of BIST.
The purpose of logic BIST is to test manufacturing or aging defect. If the BIST ends with an
error, the device is no longer reliable.
While the BIST is running, the device is not operable.
When EN pin voltage is higher than 25 V, the device enters test mode and BIST run will
abort immediately.
The oscillator FLL is enabled after BIST run (clkch_en bit).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com