Electronic Components Datasheet Search
  English  ▼

X  

MJB44H11T4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # MJB44H11T4
Description  Low voltage NPN power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJB44H11T4 Datasheet(HTML) 2 Page - STMicroelectronics

  MJB44H11T4 Datasheet HTML 1Page - STMicroelectronics MJB44H11T4 Datasheet HTML 2Page - STMicroelectronics MJB44H11T4 Datasheet HTML 3Page - STMicroelectronics MJB44H11T4 Datasheet HTML 4Page - STMicroelectronics MJB44H11T4 Datasheet HTML 5Page - STMicroelectronics MJB44H11T4 Datasheet HTML 6Page - STMicroelectronics MJB44H11T4 Datasheet HTML 7Page - STMicroelectronics MJB44H11T4 Datasheet HTML 8Page - STMicroelectronics MJB44H11T4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute maximum ratings
MJB44H11T4
2/11
DocID022716 Rev 2
1
Absolute maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCEO
Collector-emitter voltage (IB = 0)
80
V
VEBO
Emitter-base voltage (IC = 0)
5
V
IC
Collector current
10
A
ICM
Collector peak current
20
A
PTOT
Total dissipation at Tcase = 25 °C
50
W
TSTG
Storage temperature
-55 to 150
°C
TJ
Max. operating junction temperature
150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case max
2.5
°C/W
RthJA
Thermal resistance junction-ambient max
62.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com