Electronic Components Datasheet Search
  English  ▼

X  

SPDCPOE05 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPDCPOE05
Description  Power over ethernet 10 W module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPDCPOE05 Datasheet(HTML) 1 Page - STMicroelectronics

  SPDCPOE05 Datasheet HTML 1Page - STMicroelectronics SPDCPOE05 Datasheet HTML 2Page - STMicroelectronics SPDCPOE05 Datasheet HTML 3Page - STMicroelectronics SPDCPOE05 Datasheet HTML 4Page - STMicroelectronics SPDCPOE05 Datasheet HTML 5Page - STMicroelectronics SPDCPOE05 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
March 2009
Rev 1
1/6
6
SPDCPOE05
Power over ethernet 10 W module
Features
■ Input voltage range: 38.5 V to 60 V
■ 10 W output
■ Based on ST devices integrating standard PoE
interface and current mode PVM controller
■ IEEE 802.3af compliant (PoE standard)
■ Class 0 (zero), 0-12.96 W input
■ Output voltage 5 V
■ Output current 2 A
■ Output voltage ± 5 %
■ Ripple 1 % rms
■ Transient response ±5 %, ½ load to full load
■ Operating temperature range -40 °C to 70 °C
■ Input transient suppressor
■ Under voltage lockout
■ Soft-start
■ Short circuit protection
■ 1500 VDC input/output insulation
■ Input and output will be normally maintained
within SELV limit
■ Very compact size, about 86x24.2x17 mm
■ Vertical THT package
■ RoHS compliant
■ UL 94V-0 flammability
Applications
■ The target applications are small low power
remote IP appliances.
■ Security system, doors access, cameras,
alarms
■ Displays
■ Public address systems
■ Wireless access point
■ Environmental control
■ Telemetry
■ Remote environmental monitoring
Table 1.
Device summary
Order code
Nominal input voltage Nominal output voltage
Max efficiency
Nominal power
SPDCPOE05
48 V
5 V
80 %
10 W
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - SPDCPOE05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPDCPOE03 STMICROELECTRONICS-SPDCPOE03 Datasheet
198Kb / 6P
Power over ethernet 10 W module
March 2009 Rev 1
More results

Similar Description - SPDCPOE05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48540 TI-PTB48540 Datasheet
433Kb / 12P
10-W Power-Over-Ethernet Isolated Power Module Assembly
logo
List of Unclassifed Man...
AG8000 ETC2-AG8000 Datasheet
306Kb / 14P
Power-Over-Ethernet Module
AG8100 ETC2-AG8100 Datasheet
364Kb / 16P
Power-Over-Ethernet Module
AG8200 ETC2-AG8200 Datasheet
354Kb / 16P
Power-Over-Ethernet Module
logo
Texas Instruments
PTB48540AAH TI1-PTB48540AAH Datasheet
424Kb / 12P
10-W Power-Over-Ethernet Isolated Power Module Assembly
logo
AAEON Technology
PER-P09D AAEON-PER-P09D Datasheet
204Kb / 1P
Power over Ethernet Module
logo
Texas Instruments
PTB48540AAH TI1-PTB48540AAH_14 Datasheet
424Kb / 13P
10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540 TI1-PTB48540_16 Datasheet
425Kb / 12P
10-W Power-Over-Ethernet Isolated
logo
STMicroelectronics
SPDCPOE03 STMICROELECTRONICS-SPDCPOE03 Datasheet
198Kb / 6P
Power over ethernet 10 W module
March 2009 Rev 1
SPDCPOE12 STMICROELECTRONICS-SPDCPOE12 Datasheet
198Kb / 6P
Power over ethernet 10 W module
March 2009 Rev 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com