Electronic Components Datasheet Search
  English  ▼

X  

SRK2000A Datasheet(PDF) 9 Page - STMicroelectronics

Part # SRK2000A
Description  Synchronous rectifier smart driver for LLC resonant converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK2000A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SRK2000A Datasheet HTML 5Page - STMicroelectronics SRK2000A Datasheet HTML 6Page - STMicroelectronics SRK2000A Datasheet HTML 7Page - STMicroelectronics SRK2000A Datasheet HTML 8Page - STMicroelectronics SRK2000A Datasheet HTML 9Page - STMicroelectronics SRK2000A Datasheet HTML 10Page - STMicroelectronics SRK2000A Datasheet HTML 11Page - STMicroelectronics SRK2000A Datasheet HTML 12Page - STMicroelectronics SRK2000A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DocID025407 Rev 3
9/19
SRK2000A
Application information
19
6
Application information
6.1
EN pin - pin function and usage
This pin can perform three different functions: it sets the threshold VDVS1,2_Off for the drain-
to-source voltage of either synchronous rectifier (SR) Power MOSFET to determine their
turn-off in each conduction cycle; it allows the user to program the UVLO thresholds of the
gate drivers and can be used as Enable (remote on/off control).
6.1.1
Pull-up resistor configuration
At startup, an internal 10 µA current sink (IEN) is active as long as the device supply voltage
VCC is below the startup threshold VCCOn. The moment VCC equals VCCOn (4.5 V typ.), the
voltage VEN on the EN pin determines the turn-off threshold VDVS1,2_Off for the drain voltage
of both synchronous rectifiers during their cycle-by-cycle operation: if VEN < VEN_Th
(= 0.36 V) the threshold is set at -25 mV, otherwise at -12 mV. Once the decision is made,
the setting is frozen as long as VCC is greater than the turn-off level VCCOff (4.25 V typ.).
A simple pull-up resistor R1 to VCC can be used to set VDVS1,2_Off turn-off threshold. The
voltage on the EN pin as the device turns on is given by:
Equation 1
Then, considering worst-case scenarios, we have:
Equation 2
Some additional margin (equal to the resistor's tolerance) needs to be considered;
assuming 5% tolerance, the use of the standard values R1 = 680 k in the first case
and R1 = 270 k in the second case, is suggested.
Figure 5. EN pin biased with a pull-up resistor (for logic level MOSFET driving)
1
R
I
V
V
EN
CCOn
EN
mV
25
V
k
633
1
R
Off
_
2
,
1
DVS
mV
12
V
k
296
1
R
Off
_
2
,
1
DVS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com