Electronic Components Datasheet Search
  English  ▼

X  

SN54ALS191 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN54ALS191
Description  SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALS191 Datasheet(HTML) 6 Page - Texas Instruments

  SN54ALS191 Datasheet HTML 1Page - Texas Instruments SN54ALS191 Datasheet HTML 2Page - Texas Instruments SN54ALS191 Datasheet HTML 3Page - Texas Instruments SN54ALS191 Datasheet HTML 4Page - Texas Instruments SN54ALS191 Datasheet HTML 5Page - Texas Instruments SN54ALS191 Datasheet HTML 6Page - Texas Instruments SN54ALS191 Datasheet HTML 7Page - Texas Instruments SN54ALS191 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
fclock Clock frequency
MHz
CLK high or low
tsu
Setup time
ns
VOL
V
IIL
VCC = 5.5 V,
VI = 0.4 V
mA
SN54ALS190, SN54ALS191, SN74ALS190, SN74ALS191
SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTERS
SDAS210 – D2661, DECEMBER 1982 – REVISED MAY 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
6
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range: SN54ALS190, SN54ALS191
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . .
SN74ALS190, SN74ALS191
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
SN54ALS190
SN54ALS191
SN74ALS190
SN74ALS191
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
IOH
High-level output current
– 0.4
– 0.4
mA
IOL
Low-level output current
4
8
mA
’ALS190
0
20
0
25
’ALS191
0
20
0
30
’AS190
25
20
tw
Pulse duration
‘AS191
20
16.5
ns
LOAD low
25
20
Data before LOAD
25
20
CTEN before CLK
45
20
D/U before CLK
45
20
LOAD inactive before CLK
20
20
Data after LOAD
5
5
tsu
Hold time
CTEN after CLK
0
0
ns
D/U after CLK
0
0
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS190
SN54ALS191
SN74AAL190
SN74ALS191
UNIT
MIN
TYP†
MAX
MIN
TYP†
MAX
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.5
– 1.5
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = – 0.4 mA
VCC –2
VCC –2
V
VCC = 4.5 V,
IOL = 4 mA
0.25
0.5
0.25
0.4
VCC = 4.5 V,
IOL = 8 mA
0.35
0.5
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
CTEN OR CLK
– 0.2
– 0.2
All others
– 0.1
– 0.1
IO‡
VCC = 5.5 V,
VO = 2.25 V
–30
–112
–30
–112
mA
ICC
VCC = 5.5 V,
All inputs at 0 V
12
22
12
22
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com