Electronic Components Datasheet Search
  English  ▼

X  

STGFW40V60F Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGFW40V60F
Description  Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGFW40V60F Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGFW40V60F Datasheet HTML 2Page - STMicroelectronics STGFW40V60F Datasheet HTML 3Page - STMicroelectronics STGFW40V60F Datasheet HTML 4Page - STMicroelectronics STGFW40V60F Datasheet HTML 5Page - STMicroelectronics STGFW40V60F Datasheet HTML 6Page - STMicroelectronics STGFW40V60F Datasheet HTML 7Page - STMicroelectronics STGFW40V60F Datasheet HTML 8Page - STMicroelectronics STGFW40V60F Datasheet HTML 9Page - STMicroelectronics STGFW40V60F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Electrical characteristics
STGB40V60F, STGFW40V60F, STGP40V60F, STGW40V60F
6/24
DocID024700 Rev 2
2.1
Electrical characteristics (curves)
Figure 2. Power dissipation vs. case
temperature for D2PAK, TO-247 and TO-3P
Figure 3. Collector current vs. case temperature
for D2PAK, TO-247 and TO-3P
Figure 4. Power dissipation vs. case
temperature for TO-3PF
Figure 5. Collector current vs. case temperature
for TO-3PF
Figure 6. Output characteristics (TJ=25°C)
Figure 7. Output characteristics (TJ=175°C)
Ptot
150
100
50
0
0
50
100
(W)
25
75
125
200
250
150 175 TC(°C)
VGE= 15 V, TJ= 175 °C
AM17385v1
IC
30
20
10
0
0
50
TC(°C)
100
(A)
25
75
125
40
50
150 175
60
70
80
VGE= 15 V, TJ= 175 °C
AM17386v1
Ptot
30
20
10
0
0
50
100
(W)
25
75
125
40
50
150
TC(°C)
60
VGE= 15 V, TJ= 175 °C
AM17385v4
IC
15
10
5
0
0
50
TC(°C)
100
(A)
25
75
125
20
25
150
30
175
VGE= 15 V, TJ= 175 °C
AM17386v5
IC
80
60
20
0
0
1
3
(A)
2
4
100
120
VCE(V)
40
140
9V
11V
13V
VGE=15V
AM17387v1
IC
80
60
20
0
0
1
3
(A)
2
4
100
120
VCE(V)
40
140
9V
11V
13V
7V
VGE=15V
AM17388v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com