Electronic Components Datasheet Search
  English  ▼

X  

STGF19NC60SD Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGF19NC60SD
Description  20 A, 600 V fast IGBT with Ultrafast diode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF19NC60SD Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGF19NC60SD Datasheet HTML 5Page - STMicroelectronics STGF19NC60SD Datasheet HTML 6Page - STMicroelectronics STGF19NC60SD Datasheet HTML 7Page - STMicroelectronics STGF19NC60SD Datasheet HTML 8Page - STMicroelectronics STGF19NC60SD Datasheet HTML 9Page - STMicroelectronics STGF19NC60SD Datasheet HTML 10Page - STMicroelectronics STGF19NC60SD Datasheet HTML 11Page - STMicroelectronics STGF19NC60SD Datasheet HTML 12Page - STMicroelectronics STGF19NC60SD Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
STGF19NC60SD, STGP19NC60SD
Electrical characteristics
Doc ID 13689 Rev 4
9/15
2.2
Frequency applications
For a fast IGBT suitable for high frequency applications, the typical collector current vs.
maximum operating frequency curve is reported. That frequency is defined as follows:
fMAX = (PD - PC) / (EON + EOFF)
●
The maximum power dissipation is limited by maximum junction to case thermal
resistance:
Equation 1
PD = ΔT / RTHJ-C
considering
ΔT = TJ - TC = 125 °C- 75 °C = 50°C
●
The conduction losses are:
Equation 2
PC = IC * VCE(SAT) * δ
with 50% of duty cycle, VCESAT typical value @125°C.
●
Power dissipation during ON & OFF commutations is due to the switching frequency:
Equation 3
PSW = (EON + EOFF) * freq.
Typical values @ 125°C for switching losses are used (test conditions: VCE = 480V,
VGE=15V, RG = 10 Ohm). Furthermore, diode recovery energy is included in the EON (see
Note 1), while the tail of the collector current is included in the EOFF measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com