Electronic Components Datasheet Search
  English  ▼

X  

STGF35HF60W Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGF35HF60W
Description  35 A, 600 V Ultrafast IGBT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF35HF60W Datasheet(HTML) 5 Page - STMicroelectronics

  STGF35HF60W Datasheet HTML 1Page - STMicroelectronics STGF35HF60W Datasheet HTML 2Page - STMicroelectronics STGF35HF60W Datasheet HTML 3Page - STMicroelectronics STGF35HF60W Datasheet HTML 4Page - STMicroelectronics STGF35HF60W Datasheet HTML 5Page - STMicroelectronics STGF35HF60W Datasheet HTML 6Page - STMicroelectronics STGF35HF60W Datasheet HTML 7Page - STMicroelectronics STGF35HF60W Datasheet HTML 8Page - STMicroelectronics STGF35HF60W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
STGF35HF60W, STGW35HF60W, STGFW35HF60W
Electrical characteristics
Doc ID 17490 Rev 3
5/17
Table 6.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 400 V, IC = 20 A
RG = 10 Ω, VGE = 15 V,
(see Figure 17)
-
30
15
1650
-
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 400 V, IC = 20 A
RG = 10 Ω, VGE = 15 V,
TJ = 125 °C (see Figure 17)
-
30
15
1600
-
ns
ns
A/µs
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 400 V, IC = 20 A,
RGE = 10 Ω, VGE = 15 V
(see Figure 17)
-
30
175
40
-
ns
ns
ns
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
VCC = 400 V, IC = 20 A,
RGE = 10 Ω, VGE =15 V,
TJ = 125 °C
(see Figure 17)
-
50
225
70
-
ns
ns
ns
Table 7.
Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eon
(1)
Eoff
Ets
1.
Eon is the turn-on losses when a typical diode is used in the test circuit in
Figure 19. If the IGBT is offered
in a package with a co-pak diode, the co-pack diode is used as external diode. IGBTs and diode are at the
same temperature (25 °C and 125 °C). Eon includes diode recovery energy.
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 400 V, IC = 20 A
RG = 10 Ω, VGE = 15 V,
(see Figure 19)
-
290
185
475
µJ
µJ
µJ
Eon
(1)
Eoff
Ets
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 400 V, IC = 20 A
RG = 10 Ω, VGE = 15 V,
TJ = 125 °C (see Figure 19)
-
420
350
770
530
µJ
µJ
µJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com