Electronic Components Datasheet Search
  English  ▼

X  

STGFW20V60F Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGFW20V60F
Description  600 V, 20 A very high speed trench gate field-stop IGBT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGFW20V60F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGFW20V60F Datasheet HTML 4Page - STMicroelectronics STGFW20V60F Datasheet HTML 5Page - STMicroelectronics STGFW20V60F Datasheet HTML 6Page - STMicroelectronics STGFW20V60F Datasheet HTML 7Page - STMicroelectronics STGFW20V60F Datasheet HTML 8Page - STMicroelectronics STGFW20V60F Datasheet HTML 9Page - STMicroelectronics STGFW20V60F Datasheet HTML 10Page - STMicroelectronics STGFW20V60F Datasheet HTML 11Page - STMicroelectronics STGFW20V60F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical characteristics
STGFW20V60F, STGW20V60F, STGWT20V60F
8/19
DocID024851 Rev 1
Figure 12. Normalized VGE(th) vs. junction
temperature
Figure 13. Normalized V(BR)CES vs. junction
temperature
Figure 14. Capacitance variations
Figure 15. Gate charge vs. gate-emitter voltage
AM17181v1
0.6
0.7
0.8
0.9
1.0
1.1
-50
0
50
100
150
VGE(th)
norm
TJ(ºC)
V = 5V
GE
AM17180v1
0.9
1.0
1.1
-50
0
50
100
150
V(BR)CES
norm
TJ(ºC)
AM17183v1
10
100
1000
0.1
1
10
C (pF)
VCE(V)
C res
Coes
C ies
AM17182v1
0
2
4
6
8
10
12
14
16
025
50
75
100
125
VGE(V)
Qg (nC)
VCC = 480 V
IC = 20 A
Figure 16. Switching losses vs. collector
current
Figure 17. Switching losses vs. gate resistance
AM17185v1
0
200
400
600
800
1000
010
20
30
40
E (μJ)
Ic (A)
E
ON
E
OFF
V
CC 400V, VGE= 15V,
Rg=10Ω, T
J = 175°C
AM17184v1
100
300
500
700
010
20
30
40
E (μJ)
RG (Ω)
E
ON
E
OFF
V
CC 400V, VGE= 15V,
I
C =20 A, TJ = 175°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com