Electronic Components Datasheet Search
  English  ▼

X  

STGFW30V60F Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGFW30V60F
Description  Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGFW30V60F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGFW30V60F Datasheet HTML 3Page - STMicroelectronics STGFW30V60F Datasheet HTML 4Page - STMicroelectronics STGFW30V60F Datasheet HTML 5Page - STMicroelectronics STGFW30V60F Datasheet HTML 6Page - STMicroelectronics STGFW30V60F Datasheet HTML 7Page - STMicroelectronics STGFW30V60F Datasheet HTML 8Page - STMicroelectronics STGFW30V60F Datasheet HTML 9Page - STMicroelectronics STGFW30V60F Datasheet HTML 10Page - STMicroelectronics STGFW30V60F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DocID025005 Rev 4
7/19
STGFW30V60F, STGW30V60F, STGWT30V60F
Electrical characteristics
Figure 8. VCE(sat) vs. junction temperature
Figure 9. VCE(sat) vs. collector current
Figure 10. Safe operating area for TO-3PF
Figure 11. Safe operating area for TO-247 and
TO-3P
Figure 12. Normalized VGE(th) vs junction
temperature
Figure 13. Normalized V(BR)CES vs. junction
temperature
VCE(sat)
2.0
1.8
1.4
1.2
-50
0
100
(V)
50
150
2.2
2.4
TC(°C)
1.6
2.6
2.8
VGE=15V
IC=60A
IC=30A
IC=15A
3.0
3.2
AM17413v1
1.6
1.4
1.0
0.8
0
10
30
20
40
1.8
2.0
IC(A)
1.2
2.2
2.4
VGE=15V
Tj=175°C
Tj=25°C
Tj=-40°C
60
50
VCE(sat) (V)
2.6
2.8
3.0
3.2
AM17414v1
IC
100
10
1
(A)
10
1
VCE(V)
10μs
100μs
1ms
100
0.01
0.1
AM17416v2
Single pulse, Tc=25°C
Tj<175°C, VGE=15V
IC
100
10
0.1
0.01
1
(A)
10
VCE(V)
1
10μs
100μs
1ms
100
Single pulse, Tc=25°C
Tj<175°C, VGE=15V
AM17416v1
VGE(th)
0.8
0.6
-50
(norm)
TC(°C)
0.7
0
0.9
1.0
50
100
150
VCE=VGE
IC=1mA
AM17419v1
V(BR)CES
1.1
0.9
-50
(norm)
TC(°C)
1.0
0
50
100
150
IC=2mA
AM17420v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com