Electronic Components Datasheet Search
  English  ▼

X  

STGFW40V60DF Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGFW40V60DF
Description  Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGFW40V60DF Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGFW40V60DF Datasheet HTML 4Page - STMicroelectronics STGFW40V60DF Datasheet HTML 5Page - STMicroelectronics STGFW40V60DF Datasheet HTML 6Page - STMicroelectronics STGFW40V60DF Datasheet HTML 7Page - STMicroelectronics STGFW40V60DF Datasheet HTML 8Page - STMicroelectronics STGFW40V60DF Datasheet HTML 9Page - STMicroelectronics STGFW40V60DF Datasheet HTML 10Page - STMicroelectronics STGFW40V60DF Datasheet HTML 11Page - STMicroelectronics STGFW40V60DF Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical characteristics
STGFW40V60DF, STGW40V60DF, STGWT40V60DF
8/21
DocID024402 Rev 8
Figure 14. Transfer characteristics
Figure 15. Diode VF vs. forward current
Figure 16. Normalized VGE(th) vs junction
temperature
Figure 17. Normalized V(BR)CES vs. junction
temperature
Figure 18. Capacitance variations
Figure 19. Gate charge vs. gate-emitter voltage
IC
80
60
20
0
6
(A)
8
VGE(V)
40
Tj=175°C
Tj=25°C
Tj=-40°C
10
140
120
100
160
VCE= 5V
AM17393v1
VF
1.6
0.8
10
(V)
20
IF(A)
1.2
Tj=175°C
Tj=25°C
Tj=-40°C
30
2.0
2.4
40
50
60
70
80
AM17394v1
VGE(th)
0.8
0.6
-50
(norm)
TJ(°C)
0.7
0
0.9
1.0
50
100
150
VCE=VGE
IC=1mA
AM17395v1
V(BR)CES
1.1
0.9
-50
(norm)
TJ(°C)
1.0
0
50
100
150
0.95
1.05
IC=2mA
AM17396v1
C(pF)
10
0.1
VCE(V)
1000
1
10
100
10000
Cies
Coes
Cres
AM17397v1
VGE(V)
0
0
Qg(nC)
50
100
2
150
200
250
4
6
8
10
12
14
16
VCC= 480 V
IC= 40 A
AM17398v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com