Electronic Components Datasheet Search
  English  ▼

X  

STGFW80V60F Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGFW80V60F
Description  Trench gate field-stop IGBT, V series 600 V, 80 A very high speed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGFW80V60F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGFW80V60F Datasheet HTML 4Page - STMicroelectronics STGFW80V60F Datasheet HTML 5Page - STMicroelectronics STGFW80V60F Datasheet HTML 6Page - STMicroelectronics STGFW80V60F Datasheet HTML 7Page - STMicroelectronics STGFW80V60F Datasheet HTML 8Page - STMicroelectronics STGFW80V60F Datasheet HTML 9Page - STMicroelectronics STGFW80V60F Datasheet HTML 10Page - STMicroelectronics STGFW80V60F Datasheet HTML 11Page - STMicroelectronics STGFW80V60F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical characteristics
STGFW80V60F, STGW80V60F, STGWT80V60F
8/19
DocID026386 Rev 1
Figure 14. Normalized VGE(th) vs junction
temperature
Figure 15. Normalized V(BR)CES vs. junction
temperature
Figure 16. Capacitance variation
Figure 17. Gate charge vs. gate-emitter voltage
Figure 18. Switching loss vs collector current
Figure 19. Switching loss vs gate resistance
VGE(th)
1.1
1.0
0.6
-50
TJ(°C)
(norm)
0
50
100
150
IC= 1mA
VCE= VGE
0.7
0.8
0.9
GIPD041120131351FSR
V(BR)CES
1.1
1.0
0.9
-50
TJ(°C)
(norm)
0
50
100
150
IC= 2mA
GIPD041120131353FSR
C
100
VCE(V)
(pF)
0.1
1
10
Cies
1000
10000
Coes
Cres
GIPD041120131358FSR
VGE
8
0
Qg(nC)
(V)
0
100
IC= 80A
VCC= 480V
4
200
12
300
16
400
500
GIPD041120131406FSR
E
0
IC(A)
(μJ)
20
40
60
2000
80
100
4000
EON
6000
VCC = 400V, VGE = 15V,
RG = 10Ω, TJ = 175°C
120
EOFF
140
8000
10000
GIPD041120131413FSR
E
0
RG(Ω)
(μJ)
010
20
2000
4000
6000
30
40
8000
EOFF
VCC = 400 V, VGE = 15 V,
IC = 80 A, TJ = 175 °C
EON
GIPD041120131419FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com