Electronic Components Datasheet Search
  English  ▼

X  

STGW40V60DF Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGW40V60DF
Description  Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW40V60DF Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGW40V60DF Datasheet HTML 6Page - STMicroelectronics STGW40V60DF Datasheet HTML 7Page - STMicroelectronics STGW40V60DF Datasheet HTML 8Page - STMicroelectronics STGW40V60DF Datasheet HTML 9Page - STMicroelectronics STGW40V60DF Datasheet HTML 10Page - STMicroelectronics STGW40V60DF Datasheet HTML 11Page - STMicroelectronics STGW40V60DF Datasheet HTML 12Page - STMicroelectronics STGW40V60DF Datasheet HTML 13Page - STMicroelectronics STGW40V60DF Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Electrical characteristics
STGFW40V60DF, STGW40V60DF, STGWT40V60DF
10/21
DocID024402 Rev 8
Figure 26. Reverse recovery current vs. diode
current slope
Figure 27. Reverse recovery time vs. diode
current slope
Figure 28. Reverse recovery charge vs. diode
current slope
Figure 29. Reverse recovery energy vs. diode
current slope
Irm(A)
0
di/dt (A/μs)
500
1000
10
1500 2000
Vr=400V
IF=40A
Tj=175°C
20
30
40
50
60
70
80
90
0
2500
Tj=25°C
AM17405v1
trr(μs)
0
di/dt (A/μs)
500
1000
1500 2000
Vr=400V
IF=40A
Tj=175°C
50
100
150
200
250
0
2500
Tj=25°C
AM17406v1
Qrr(nC)
0
di/dt (A/μs)
500
1000
1500 2000
Vr=400V
IF=40A
Tj=175°C
500
1000
1500
2000
2500
0
2500
3000
Tj=25°C
AM17407v1
Err(μJ)
0
di/dt (A/μs)
500
1000
1500 2000
Vr=400V
IF=40A
Tj=175°C
200
400
600
800
1000
0
2500
1200
1400
1600
Tj=25°C
AM17408v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com