Electronic Components Datasheet Search
  English  ▼

X  

STGW25M120DF3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGW25M120DF3
Description  Trench gate field-stop IGBT, M series 1200 V, 25 A low loss
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW25M120DF3 Datasheet(HTML) 4 Page - STMicroelectronics

  STGW25M120DF3 Datasheet HTML 1Page - STMicroelectronics STGW25M120DF3 Datasheet HTML 2Page - STMicroelectronics STGW25M120DF3 Datasheet HTML 3Page - STMicroelectronics STGW25M120DF3 Datasheet HTML 4Page - STMicroelectronics STGW25M120DF3 Datasheet HTML 5Page - STMicroelectronics STGW25M120DF3 Datasheet HTML 6Page - STMicroelectronics STGW25M120DF3 Datasheet HTML 7Page - STMicroelectronics STGW25M120DF3 Datasheet HTML 8Page - STMicroelectronics STGW25M120DF3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical characteristics
STGW25M120DF3, STGWA25M120DF3
4/18
DocID026223 Rev 2
2
Electrical characteristics
TJ = 25 °C unless otherwise specified.
Table 4. Static characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter
breakdown voltage
(VGE = 0)
IC = 2 mA
1200
V
VCE(sat)
Collector-emitter saturation
voltage
VGE = 15 V, IC = 25 A
1.85
2.3
V
VGE = 15 V, IC = 25 A,
TJ = 125 °C
2.1
VGE = 15 V, IC = 25 A
TJ = 175 °C
2.2
VF
Forward on-voltage
IF = 25 A
2.95
4.1
V
IF = 25 A TJ = 125 °C
2.25
V
IF = 25 A TJ = 175 °C
1.9
V
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 1 mA
5
6
7
V
ICES
Collector cut-off current
(VGE = 0)
VCE = 1200 V
25
µA
IGES
Gate-emitter leakage
current (VCE = 0)
VGE = ± 20 V
250
nA
Table 5. Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Input capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0
-1550
-
pF
Coes
Output capacitance
-
180
-
pF
Cres
Reverse transfer
capacitance
-65
-
pF
Qg
Total gate charge
VCC = 960 V, IC =25 A,
VGE = 15 V, see Figure 30
-85
-
nC
Qge
Gate-emitter charge
-
11.5
-
nC
Qgc
Gate-collector charge
-
45.5
-
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com