Electronic Components Datasheet Search
  English  ▼

X  

R320C Datasheet(PDF) 2 Page - NEC

Part # R320C
Description  Fault Tolerant Server
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

R320C Datasheet(HTML) 2 Page - NEC

  R320C Datasheet HTML 1Page - NEC R320C Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NEC Corporation
www.nec.com
Asia (APAC)
NEC Corporation
Europe (EMEA)
NEC Enterprise Solutions
North America
NEC Corporation of America
7-1, Shiba 5-chome Minato-ku
Tokyo 108-8001 Japan
Olympia 4
1213 NT Hilversum
The Netherlands
+31 35 6899111
3151 Jay Street, Ste. 110,
Santa Clara, CA 95054 U.S.
+1 866 632 3226
www.nec.com/express
www.nec-enterprise.com
www.necam.com/servers
NEC Express5800/R320c
MODEL
Express5800/R320c-M4
Express5800/R320c-E4
Form factor / height
4U rack
Number of logical processors
1 to 2
Processors
Intel® Xeon® Processor E5-2670 (2.60 GHz/8-core/20 MB) Intel® Xeon® Processor E5-2603 (1.80 GHz/4-core/10 MB)
Chipset
Intel® C602 Chipset with GeminiEngine™
Memory type
DDR3L-1600 Registered DIMM with ECC, x4 SDDC
Memory Clock
1333 MHz
1066 MHz
Logical Memory slots
16
Maximum logical memory
256 GB
Storage type
Hot plug 2.5-inch SAS HDD, Hot plug 2.5-inch SAS SSD
Logical hard drive bays
8
Maximum logical internal storage
9.6 TB
Optical drive
DVD-RAM drive
Logical expansion slots
2 Low-profile PCIe x4 Gen 2
2 Full-height PCIe x8 Gen 2
2 Low-profile PCIe x4 Gen 2
Video (VRAM)
Integrated in the server management controller (32 MB)
Logical network interface
2 10GBASE-T
2 1000BASE-T
1 100BASE-TX for management
2 1000BASE-T
1 100BASE-TX for management
Maximum power consumption
1300 VA / 1290 Watt
Power supply
800 Watt (1 per module, 80 PLUS® Platinum certified)
Systems management
EXPRESSSCOPE Engine 3
External Interface
1 VGA, 4 USB 2.0, 8 LAN (4 per module),
2 management LAN (1 per module)
1 VGA, 4 USB 2.0, 4 LAN (2 per module),
2 management LAN (1 per module)
Dimensions (W x D x H) and
maximum weight
483 x 736 x 178 mm / 19.0 x 29.0 x 7.0 in / 51 kg / 112.44 lbs.
Temperature and humidity
conditions (non-condensing)
Operating: 10 to 35 °C / 50 to 95 °F, 20 to 80%
Non-operating: -10 to 55 °C / 14 to 131 °F, 20 to 80%
Software for availability
Active Upgrade™ *, Rapid Disk Resync (RDR)*
* Active Upgrade™ is for Microsoft® Windows Server® 2008 R2 Enterprise SP1 only, and RDR is supported on Windows operating systems only
Operating systems
Microsoft® Windows Server® 2008 R2 Enterprise SP1
Microsoft® Windows Server® 2012 Standard / Datacenter
Red Hat® Enterprise Linux® 6*
VMware® ESXi 5.1
VMware® ESXi 5.1 Update 1
* Xen/KVM (Kernel-based Virtual Machine) is not supported.
HARDwARE SPECIfICATION
Highest Availability
Operational Simplicity
Easy maintenance
• Lockstep operation maintains memory
/ CPU state and system integrity
protection.
• The Active Upgrade™ feature minimizes
the planned downtime required to install
security patches and software upgrades.
• The optional EXPRESSCLUSTER X
SingleServerSafe, enhances software
high availability.
• GeminiEngine™, an NEC-engineered
LSI chipset for fault tolerance control
delivers simplified hardware high
availability, simple operation and easy
repair without interrupting operation.
• Compatibility with existing operating
systems and applications significantly
reduces the complexity associated with
other forms of high availability solutions.
• The Dual Modular Redundant (DMR)
design allows easy replacement of major
subsystems without shutting the system
down, by supporting hot plug of modules.
• Integrated EXPRESSSCOPE Engine 3
technology provides extensive remote
management capabilities regardless of the
status of the server’s power or operating
system.
©Copyright 2014 NEC Corporation. The information and specifications
contained in this publication are subject to modification without prior
notice. Microsoft and Windows Server are either registered trademarks
or trademarks of Microsoft Corporation in the United States and/or
other countries. Intel, Intel Logo, Xeon, and Xeon Inside are trademarks
of Intel Corporation in the U.S. and/or other countries. Linux is a
trademark of Linus Torvalds. Red Hat is a registered trademark of Red
Hat, Inc. in the U.S. VMware is a registered trademark or trademark of
VMware, Inc. in the United States and/or other jurisdictions. All other
names of products and brands cited are the property of their respective
owners. NEC is not responsible for photographic or typing errors.
Cat. No. E02-14100001E
R320c October 2014



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com