Electronic Components Datasheet Search
  English  ▼

X  

STGWA25S120DF3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGWA25S120DF3
Description  Trench gate field-stop IGBT, S series 1200 V, 25 A low drop
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA25S120DF3 Datasheet(HTML) 5 Page - STMicroelectronics

  STGWA25S120DF3 Datasheet HTML 1Page - STMicroelectronics STGWA25S120DF3 Datasheet HTML 2Page - STMicroelectronics STGWA25S120DF3 Datasheet HTML 3Page - STMicroelectronics STGWA25S120DF3 Datasheet HTML 4Page - STMicroelectronics STGWA25S120DF3 Datasheet HTML 5Page - STMicroelectronics STGWA25S120DF3 Datasheet HTML 6Page - STMicroelectronics STGWA25S120DF3 Datasheet HTML 7Page - STMicroelectronics STGWA25S120DF3 Datasheet HTML 8Page - STMicroelectronics STGWA25S120DF3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DocID026374 Rev 2
5/18
STGW25S120DF3, STGWA25S120DF3
Electrical characteristics
18
Table 6. IGBT switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VCE = 600 V, IC = 25 A,
VGE = 15 V, RG= 15 Ω
see Figure 29
-31
-
ns
tr
Current rise time
-
11.8
-
ns
(di/dt)on
Turn-on current slope
-
1661
-
A/µs
td(off)
Turn-off delay time
-
147
-
ns
tf
Current fall time
-
269
-
ns
Eon
(1)
1.
Energy losses include reverse recovery of the diode.
Turn-on switching losses
-
0.83
-
mJ
Eoff
(2)
2.
Turn-off losses also include the tail of the collector current.
Turn-off switching losses
-
2.37
-
mJ
Ets
Total switching losses
-
3.2
-
mJ
td(on)
Turn-on delay time
VCE = 600 V, IC = 25 A,
RG= 15 Ω, VGE = 15 V,
TJ = 175 °C, see Figure 29
-28
-
ns
tr
Current rise time
-
15
-
ns
(di/dt)on
Turn-on current slope
-
1360
-
A/µs
td(off)
Turn-off delay time
-
156
-
ns
tf
Current fall time
-
437
-
ns
Eon
(1)
Turn-on switching losses
-
1.52
-
mJ
Eoff
(2)
Turn-off switching losses
-
3.36
-
mJ
Ets
Total switching losses
-
4.88
-
mJ
tsc
Short-circuit withstand time
VCC ≤ 600V, VGE= 15V, TJstart
≤ 150°C, V
P < 1200V
10
-
µs
Table 7. Diode switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
IF = 25 A, VR = 600 V,
VGE = 15 V,
di/dt = 1000 A/µs,
(see Figure 29)
-
265
-
ns
Qrr
Reverse recovery charge
-
1200
-
nC
Irrm
Reverse recovery current
-
19
-
A
dlrr/ /dt
Peak rate of fall of reverse
recovery current during tb
-1090
-
A/µs
Err
Reverse recovery energy
-
0.22
-
mJ
trr
Reverse recovery time
IF = 25 A, VR = 600 V,
VGE = 15 V, TJ = 175 °C,
di/dt = 1000 A/µs,
(see Figure 29)
-
584
-
ns
Qrr
Reverse recovery charge
-
5000
-
nC
Irrm
Reverse recovery current
-
30
-
A
dIrr/ /dt
Peak rate of fall of reverse
recovery current during tb
-
270
-
A/µs
Err
Reverse recovery energy
-
0.75
-
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com