Electronic Components Datasheet Search
  English  ▼

X  

STGW60H65DFB Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGW60H65DFB
Description  Low thermal resistance
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW60H65DFB Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGW60H65DFB Datasheet HTML 3Page - STMicroelectronics STGW60H65DFB Datasheet HTML 4Page - STMicroelectronics STGW60H65DFB Datasheet HTML 5Page - STMicroelectronics STGW60H65DFB Datasheet HTML 6Page - STMicroelectronics STGW60H65DFB Datasheet HTML 7Page - STMicroelectronics STGW60H65DFB Datasheet HTML 8Page - STMicroelectronics STGW60H65DFB Datasheet HTML 9Page - STMicroelectronics STGW60H65DFB Datasheet HTML 10Page - STMicroelectronics STGW60H65DFB Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DocID024365 Rev 7
7/19
STGW60H65DFB, STGWA60H65DFB, STGWT60H65DFB
Electrical characteristics
Figure 8. VCE(sat) vs. collector current
Figure 9. Forward bias safe operating area
VCE(sat)
1.4
1.2
020
IC(A)
(V)
40
60
80
2.2
2.0
1.8
1.6
VGE= 15V
TJ= 175°C
TJ= 25°C
TJ= -40°C
2.4
100
GIPD270820131423FSR
Figure 10. Diode VF vs. forward current
Figure 11. Normalized V(BR)CES vs. junction
temperature
V(BR)CES
(norm)
1.1
1.0
0.9
-50
TJ(°C)
0
50
100
150
IC= 2mA
GIPD280820131415FSR
Figure 12. Normalized VGE(th) vs. junction
temperature
Figure 13. Gate charge vs. gate-emitter voltage
VGE(th)
(norm)
0.8
0.7
0.6
-50
TJ(°C)
0
50
100
150
0.9
1.0
IC= 1mA
GIPD280820131503FSR
VGE
(V)
4
2
0
0
Qg(nC)
50 100
150 200
6
8
250 300
350
10
12
14
VCC= 520V, IC= 60A,
IG= 1mA
GIPD280820131507FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com