Electronic Components Datasheet Search
  English  ▼

X  

STGWA80H65FB Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGWA80H65FB
Description  Low thermal resistance
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA80H65FB Datasheet(HTML) 5 Page - STMicroelectronics

  STGWA80H65FB Datasheet HTML 1Page - STMicroelectronics STGWA80H65FB Datasheet HTML 2Page - STMicroelectronics STGWA80H65FB Datasheet HTML 3Page - STMicroelectronics STGWA80H65FB Datasheet HTML 4Page - STMicroelectronics STGWA80H65FB Datasheet HTML 5Page - STMicroelectronics STGWA80H65FB Datasheet HTML 6Page - STMicroelectronics STGWA80H65FB Datasheet HTML 7Page - STMicroelectronics STGWA80H65FB Datasheet HTML 8Page - STMicroelectronics STGWA80H65FB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DocID026401 Rev 1
5/18
STGW80H65FB, STGWA80H65FB, STGWT80H65FB
Electrical characteristics
Table 6. IGBT switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VCE = 400 V, IC = 80 A,
RG = 10 Ω, VGE = 15 V,
see Figure 22
-84
-
ns
tr
Current rise time
-
52
-
ns
(di/dt)on
Turn-on current slope
-
1270
-
A/µs
td(off)
Turn-off delay time
-
280
-
ns
tf
Current fall time
-
31
-
ns
Eon
(1)
1.
Energy losses include reverse recovery of the external diode. The diode is the same of the co-packed
STGW80H65DFB
Turn-on switching losses
-
2.1
-
mJ
Eoff
(2)
2.
Turn-off losses include also the tail of the collector current.
Turn-off switching losses
-
1.5
-
mJ
Ets
Total switching losses
-
3.6
-
mJ
td(on)
Turn-on delay time
VCE = 400 V, IC = 80 A,
RG = 10 Ω, VGE = 15 V,
TJ = 175 °C, see Figure 22
-77
-
ns
tr
Current rise time
-
51
-
ns
(di/dt)on
Turn-on current slope
-
1270
-
A/µs
td(off)
Turn-off delay time
-
328
-
ns
tf
Current fall time
-
30
-
ns
Eon
(1)
Turn-on switching losses
-
4.4
-
mJ
Eoff
(2)
Turn-off switching losses
-
2.1
-
mJ
Ets
Total switching losses
-
6.5
-
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com