Electronic Components Datasheet Search
  English  ▼

X  

SPT7922 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SPT7922
Description  12-BIT, 30 MSPS, TTL, A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPT7922 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SPT7922 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT7922 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT7922 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT7922 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT7922 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT7922 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT7922 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT7922 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPT7922 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SPT
2
3/10/97
SPT7922
ELECTRICAL SPECIFICATIONS
TA=TMIN to TMAX, VCC=+5.0 V, VEE=-5.2 V, DVCC=+5.0 V, VIN=±2.0 V, VSB=-2.0 V, VST=+2.0 V, fCLK=30 MHz, 50% clock duty cycle,
unless otherwise specified.
TEST
TEST
SPT7922
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Resolution
12
Bits
DC Accuracy
TA=+25
°C
Integral Nonlinearity
± Full Scale
V
±2.0
LSB
Differential Nonlinearity
100 kHz Sample Rate
V
±0.8
LSB
No Missing Codes
VI
Guaranteed
Analog Input
fCLK=1 MHz
Input Voltage Range
VI
±2.0
V
Input Bias Current
TA=+25 °C
I
30
60
µA
Input Resistance
TA=+25 °CVIN=0 V
I
100
300
k
Ω
Input Capacitance
V
5
pF
Input Bandwidth
3 dB Small Signal
V
120
MHz
+FS Error
V
±5.0
LSB
-FS Error
V
±5.0
LSB
Reference Input
fCLK=1 MHz
Reference Ladder Resistance
VI
500
800
Ω
Reference Ladder Tempco
V
0.8
Ω/°C
Timing Characteristics
Maximum Conversion Rate
VI
30
40
MHz
Overvoltage Recovery Time
V
20
ns
Pipeline Delay (Latency)
IV
1
Clock Cycle
Output Delay
TA=+25 °C
V
14
18
ns
Aperture Delay Time
TA=+25 °CV
1
ns
Aperture Jitter Time
TA=+25
°C
V
5
ps-RMS
Dynamic Performance
Effective Number of Bits
fIN=500 kHz
10.0
Bits
fIN=1 MHz
9.8
Bits
fIN=3.58 MHz
9.5
Bits
Signal-To-Noise Ratio
(without Harmonics)
fIN=500 kHz
TA=+25 °C
I
63
66
dB
TA=TMIN to TMAX
IV
58
61
dB
fIN=1 MHz
TA=+25
°C
I
63
65
dB
TA=TMIN to TMAX
IV
58
60
dB
fIN=3.58 MHz
TA=+25 °C
I
62
64
dB
TA=TMIN to TMAX
IV
58
60
dB
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25
°C
Note:
1.
Operation at any Absolute Maximum Rating is not implied. See Electrical Specifications for proper nominal
applied conditions in typical applications.
Supply Voltages
VCC ...........................................................................+6 V
VEE ........................................................................... -6 V
Input Voltages
Analog Input .............................................. VFB≤VIN≤VFT
VFT, VFB. ................................................... +3.0 V, -3.0 V
Reference Ladder Current ....................................... 12 m
CLK IN ...................................................................... VCC
Output
Digital Outputs .............................................. 0 to -30 mA
Temperature
Operating Temperature ................................. 0 to +70
°C
Junction Temperature ......................................... +175
°C
Lead Temperature, (soldering 10 seconds) ....... +300
°C
Storage Temperature ...............................-65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com