Electronic Components Datasheet Search
  English  ▼

X  

SPT9691SCN Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SPT9691SCN
Description  WIDE INPUT VOLTAGE, JFET COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPT9691SCN Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SPT9691SCN Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT9691SCN Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT9691SCN Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT9691SCN Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT9691SCN Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT9691SCN Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT9691SCN Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT9691SCN Datasheet HTML 8Page - List of Unclassifed Manufacturers SPT9691SCN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SPT9691
WIDE INPUT VOLTAGE, JFET COMPARATOR
APPLICATIONS
•
Automated Test Equipment
•
High-Speed Instrumentation
•
Window Comparators
•
High-Speed Timing
•
Line Receivers
•
High-Speed Triggers
•
Threshold Detection
•
Peak Detection
GENERAL DESCRIPTION
The SPT9691 is a high-speed, wide common mode voltage,
JFET input, dual comparator. It is designed for applications
that measure critical timing parameters in which wide com-
mon mode input voltages of -4.0 to +8.0 V are required.
Propagation delays are constant for overdrives greater than
200 mV.
JFET inputs reduce the input bias currents to the nanoamp
level, eliminating the need for input drivers and buffers in
BLOCK DIAGRAM
FEATURES
•
Common Mode Range -4.0 to +8.0 V
•
Low Input Bias Current <100 pA
•
Propagation Delay 2.5 ns (max)
•
Low Offset
±25 mV
•
Low Feedthrough and Crosstalk
•
Differential Latch Control
most applications. The device has differential analog inputs
and complementary logic outputs compatible with ECL sys-
tems. Each comparator has a complementary latch enable
control that can be driven by standard ECL logic.
The SPT9691 is available in 20-lead PLCC, 20-lead plastic
DIP and 20-contact LCC packages over the commercial
temperature range. It is also available in die form.
AVCC (B)
+INB
-INB
Q
B
GND
B
GNDA
LEA
DVEE(A)
AVEE(A)
AVCC(A)
+INA
-INA
Q
A
A
LEA
Q
A
B
Q
LE B
LE B
DV
(B)
EE
AV
(B)
EE
B
Signal Processing Technologies, Inc.
4755 Forge Road, Colorado Springs, Colorado 80907, USA
Phone: (719) 528-2300
FAX: (719) 528-2370
Website: http://www.spt.com
E-Mail: sales@spt.com


Similar Part No. - SPT9691SCN

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT9691SCN CADEKA-SPT9691SCN Datasheet
415Kb / 10P
WIDE INPUT VOLTAGE, JFET COMPARATOR
More results

Similar Description - SPT9691SCN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TL082 NSC-TL082 Datasheet
821Kb / 12P
Wide Bandwidth Dual JFET Input Operational Amplifier
logo
List of Unclassifed Man...
SPT9693 ETC-SPT9693 Datasheet
88Kb / 10P
WIDE INPUT VOLTAGE, JFET COMPARATOR
logo
National Semiconductor ...
LF351 NSC-LF351 Datasheet
246Kb / 10P
LF351 Wide Bandwidth JFET Input Operational Amplifier
LF353 NSC-LF353 Datasheet
597Kb / 14P
Wide Bandwidth Dual JFET Input Operational Amplifier
TL081 NSC-TL081 Datasheet
235Kb / 8P
WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Cadeka Microcircuits LL...
SPT9691 CADEKA-SPT9691 Datasheet
415Kb / 10P
WIDE INPUT VOLTAGE, JFET COMPARATOR
SPT9693 CADEKA-SPT9693 Datasheet
171Kb / 10P
WIDE INPUT VOLTAGE, JFET COMPARATOR
logo
Texas Instruments
LF147 TI1-LF147 Datasheet
1Mb / 21P
Wide Bandwidth Quad JFET Input Operational Amplifiers
TL082-N TI1-TL082-N_13 Datasheet
1Mb / 23P
Wide Bandwidth Dual JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
Wide Bandwidth Quad JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com