Electronic Components Datasheet Search
  English  ▼

X  

PC10 Datasheet(PDF) 1 Page - Total Power International

Part # PC10
Description  NEW PC 104 POWER SUPPLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

PC10 Datasheet(HTML) 1 Page - Total Power International

  PC10 Datasheet HTML 1Page - Total Power International PC10 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TOTAL POWER INT’L INC. TOLL FREE ORDER HOT LINE 1-877-646-0900
NEW PC 104 POWER SUPPLY
TP-DMP-0070 PC 104 Power Supply
TOTAL POWER INTERNATIONAL, INC.
FEATURES
PC104 Format
INPUT
Input Voltage:
850264VAC, Universal
Input Frequency:
47 - 63 Hz.
Input Connector:
Molex.
Inrush Current:
20A @ 110VAC.
40A @ 220VAC.
EMI/RFI:
EN55022 Class B.
Hold-Up Time:
16ms @ 110VAC.
Safety Approvals:
UL, cUL, TUV, Tmark
CE
Weight:
90Gm
Size:
3.55” x 3.77” x 0.43”
OUTPUT
Output Wattage:
26.6 Watts.
Line Regulation:
±0.1% typ.
Load Regulation:
±2.0% for 5V typ.
±5.0% for 12V typ.
±10% for -5V typ.
±10% for -12V typ.
Noise & Ripple:
1% P-P typ.
OVP:
125% ±5%.
Short Circuit Protection: Auto-recovery.
Output Connector:
PC104 Format.
Operating Temp:
-20C - +50C.
SPECIFICATIONS
MODEL NUMBER
OUTPUT
+5V / 0.4-2.0A
-5V / 0-0.2A
+12V / 0-1.0A
-12V / 0-0.2A
TPDMP-0070
OUTPUT VOLTAGE / CURRENT RATING CHARTS
SINGLE OUTPUT


Similar Part No. - PC10

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
PC10 MAXWELL-PC10 Datasheet
874Kb / 4P
PC SERIES ULTRACAPACITORS
PC10 MAXWELL-PC10 Datasheet
1Mb / 5P
PC SERIES ULTRACAPACITORS
logo
Picker Components
PC10 PICKER-PC10 Datasheet
522Kb / 3P
50 Amp Latching PCB Relay
logo
Superworld Electronics
PC10-1000 SUPERWORLD-PC10-1000 Datasheet
110Kb / 1P
POWER TRANSFORMER
PC10-120 SUPERWORLD-PC10-120 Datasheet
110Kb / 1P
POWER TRANSFORMER
More results

Similar Description - PC10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HE104 ETC-HE104 Datasheet
106Kb / 1P
PC/104 High Efficiency Vehicle Power Supply
logo
Total Power Internation...
TP-DMP-0070 TOTAL-POWER-TP-DMP-0070 Datasheet
125Kb / 2P
NEW PC 104 POWER SUPPLY TP-DMP-0070 PC 104 Power Supply
logo
List of Unclassifed Man...
MSM386SN ETC2-MSM386SN Datasheet
34Kb / 1P
MICROSPACE PC/104
logo
ADL Embedded Solutions
ADLPS104CF ADL-ADLPS104CF Datasheet
185Kb / 1P
Power Supply with CF Socket PC/104
logo
Axiomtek Co., Ltd.
AX10460 AXIOMTEK-AX10460 Datasheet
211Kb / 1P
PC/104 breadboard
logo
List of Unclassifed Man...
962-60206-03 ETC2-962-60206-03 Datasheet
191Kb / 2P
PC/104, PC/104-Plus, VarPol connector
logo
AAEON Technology
PFM-P13DW2 AAEON-PFM-P13DW2 Datasheet
192Kb / 1P
PC/104 Power Supply
logo
ADL Embedded Solutions
104-PWR-512A ADL-104-PWR-512A Datasheet
323Kb / 2P
PC/104 Peripherals
ADLL8XPC ADL-ADLL8XPC Datasheet
278Kb / 3P
PC/104-Plus
ADLLVDSTTL ADL-ADLLVDSTTL Datasheet
291Kb / 6P
PC/104 Accessories
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com