| Electronic Components Datasheet Search |
|
CC1150-RTY1 Datasheet(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC1150-RTY1 Datasheet(HTML) 11 Page - Texas Instruments |
|
11 / 67 page ![]() BIAS XOSC_Q1 XOSC_Q2 XOSC FREQ SYNTH RADIO CONTROL RF_P RF_N CSn SI SO (GDO1) SCLK GDO0 (ATEST) RBIAS PA CC1150 www.ti.com SWRS037B – JANUARY 2006 – REVISED MARCH 2015 5 Detailed Description 5.1 Overview The CC1150 transmitter is based on direct synthesis of the RF frequency. The frequency synthesizer includes a completely on-chip LC VCO. A crystal is to be connected to XOSC_Q1 and XOSC_Q2. The crystal oscillator generates the reference frequency for the synthesizer, as well as clocks for the digital part. A 4-wire SPI serial interface is used for configuration and data buffer access. The digital baseband includes support for channel configuration, packet handling and data buffering. 5.2 Functional Block Diagram Figure 5-1. CC1150 Simplified Block Diagram 5.3 Configuration Overview CC1150 can be configured to achieve optimum performance for many different applications. Configuration is done using the SPI interface. The following key parameters can be programmed: • Power-down and power-up mode • Crystal oscillator power up and power down • Transmit mode • RF channel selection • Data rate • Modulation format • RF output power • Data buffering with 64-byte transmit FIFO • Packet radio hardware support • Forward Error Correction with interleaving • Data Whitening Details of each configuration register can be found in Section 5.20. Figure 5-2 shows a simplified state diagram that explains the main CC1150 states, together with typical usage and current consumption. For detailed information on controlling the CC1150 state machine, and a complete state diagram, see Section 5.11. Copyright © 2006–2015, Texas Instruments Incorporated Detailed Description 11 Submit Documentation Feedback Product Folder Links: CC1150 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |