Electronic Components Datasheet Search
  English  ▼

X  

T0820 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # T0820
Description  4 CHANNEL LASER DRIVER WITH RF OSCILLATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0820 Datasheet(HTML) 4 Page - ATMEL Corporation

  T0820 Datasheet HTML 1Page - ATMEL Corporation T0820 Datasheet HTML 2Page - ATMEL Corporation T0820 Datasheet HTML 3Page - ATMEL Corporation T0820 Datasheet HTML 4Page - ATMEL Corporation T0820 Datasheet HTML 5Page - ATMEL Corporation T0820 Datasheet HTML 6Page - ATMEL Corporation T0820 Datasheet HTML 7Page - ATMEL Corporation T0820 Datasheet HTML 8Page - ATMEL Corporation T0820 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
T0820
4506F–DVD–09/04
Electrical Characteristics: General
V
CC = 5 V, Tamb = 25°C, ENABLE = High, NE2 = NE3 = NE4 = High, ENOSC = Low, unless otherwise specified
No.
Parameters
Test Condition
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
1
Power supply
1.1
Supply current, power
down
ENABLE = Low, NE2
= NE3 = NE4 = Low
9, 15,
16
ICCPD2
0.3
mA
A
1.2
Supply current,
read mode,
oscillator disabled
I
IR = II2 = II3 = II4 =
500
µA
9, 15,
16
ICCR1
95
mA
A
1.3
Supply current,
read mode,
oscillator enabled
IIR = II2 = II3 = II4 =
500
µA,
ENOSC = High,
RS = 560
Ω,
RF = 7.5 k
Ω
9, 15,
16
ICCR2
100
mA
A
1.4
Supply current,
write mode
I
IR =II2 = II3 = II4=
500
µA, NE2 = NE3 =
NE4 = Low
9, 15,
16
ICCW
230
mA
A
1.5
Supply current,
input off
IIR = II2 = II3 = II4 = 0 µA
9, 15,
16
ICCoff
16
mA
A
2
Digital inputs
2.1
NE2/NE3/NE4 low
voltage
6, 7, 8
VNELO
1.3
V
A
2.2
NE2/NE3/NE4 high
voltage
6, 7, 8
VNE
HI
2.0
V
A
2.3
ENABLE low voltage
11
VEN
LO
0.5
V
A
2.4
ENABLE high voltage
11
VEN
HI
3.0
V
A
2.5
ENOSC low voltage
10
VEO
LO
0.5
V
A
2.6
ENOSC high voltage
10
VEO
HI
3.0
V
A
3
Current at digital inputs
3.1
NE2/NE3/NE4 low
current
NE = 0 V
6, 7, 8
INELO
-300
µAA
3.2
NE2/NE3/NE4 high
current
NE = 5 V
6, 7, 8
INE
HI
800
µAA
3.3
ENABLE low current
ENABLE = 0 V
11
IENLO
-150
µAA
3.4
ENABLE high current
ENABLE = 5 V
11
IENHI
100
µAA
3.5
ENOSC low current
ENOSC = 0 V
10
IEOLO
-100
µAA
3.6
ENOSC high current
ENOSC = 5 V
10
IEOHI
800
µAA
* Type means: A: 100% tested B: 100% correlation tested C: Characterized on samples D: Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com