Electronic Components Datasheet Search
  English  ▼

X  

US110 Datasheet(PDF) 2 Page - NEC

Part # US110
Description  Thin Client Terminals
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

US110 Datasheet(HTML) 2 Page - NEC

  US110 Datasheet HTML 1Page - NEC US110 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
®2010 IT Platform Solutions NEC. The information and specifications
in this publication are subject to modification without prior notice. All
other names of products cited are the property of the respective owners.
Products can be photographed with the optional components available.
NEC IT Platform Solutions declines all responsibility in the case of visual or
typing errors. Photos and documents are not contractual..
NEC IT Platform Solutions Division
European Headquarters
10, rue godefroy - 92821 puteaux Cedex France
www.nec-itplatform.com
Tel: +33 1 42 91 80 00
NEC Corporation
7-1, shiba 5-chome - minato-ku - tokyo 108-8001 - Japan
www.nec-itplatform.com
Ref : Datasheet - uk / Thin Client December 2010
Virtual PC
ap
os
Virtual PC
ap
NEC THIN CLIENT TERMINALS
Multi Functional Palm Sized Terminal
Ideal for XP environment
Dual Monitor and Better convenience
Ideal for Windows 7 environment
MODEL
US110
US300c
embedded os
windows® Ce5.0
windows® embedded standard 2009
Cpu
arm926eJ 400mhZ
via eden 1ghz
memory
128mB
1gB
Flash memory
128mB
2gB
hdd
-
-
protocol
rdp5.5 - iCa10.0
rdp7.0 - iCa11.2
dimensions (wxdxh)
150x94x30.4 mm
77x121x34mm (excluding the stand)
weight
350g
670g
power consumption (min./max.)
11w/25w
5w/14w
power voltage
aC100v-aC240± 10%, 50/60hz
aC100v-aC240v± 10%, 50/60hz
temperature & humidity condition
10~35°C / 20~80% (non-condensing)
10~35°C / 20~80% (non-condensing)
lan
1000Base-t/100Base-tX/10Base-t
1000Base-t/100Base-tX/10Base-t
NEC Terminals fit your environment
NEC’s suite of thin client terminals helps to create a system that meets your environment-specific requirements. Unlike
regular PCs, all terminals have no hard disks installed, thereby providing lower failure rates and maintenance costs. NEC’s
Thin client systems offer many benefits including the capability to resume operations quickly simply by switching out a
faulty terminal.
Choosing the right server platform, along with the right terminals, makes a big difference in setting up a thin client environment.
neC proudly offers rack-optimized and blade server systems for businesses which require expandability and load balancing
capabilities in anticipation of future expansion of the number of client terminals.
neC offers the optimum platform its virtual pC Center solution.
THIN CLIENT SYSTEM / Virtual PC Center (VPCC)
• The client PCs are completely virtualized and
consolidated on a single virtual pC server.
• The VPCC moves a virtual PC running on a
heavily loaded server to a server with excess
capacity, optimally allocating overall server
resources.
• User access a virtual PC from a remote terminal to use their applications.
• No data is stored on a client terminal - even if terminal fail, a user can ontinue
to work on another terminal or by replacing the failed terminal.
management server
virtual PC server
VPCC System Configuration Diagram
Virtual PC
ap
Virtual PC
ap
Virtual PC
ap
os
os
os
os
*AP means Application software.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com