Electronic Components Datasheet Search
  English  ▼

X  

US300c Datasheet(PDF) 1 Page - NEC

Part # US300c
Description  Thin Client Terminals
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

US300c Datasheet(HTML) 1 Page - NEC

  US300c Datasheet HTML 1Page - NEC US300c Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Traditionnal desktop PC
user data
Application software
OS
desktop PC
Share Data
Network
Thin Client System
user data
Application software
OS
Thin Terminal Client
Share Data
Network
No Data Stored
NEC ThiN CliENT TErmiNals
SECURITY
MAINTENANCE
MOBILITY
Create a highly produCtive work environment with neC’s thin Client terminals
Reduce TCO
ensure security and reduce tCo (total Cost of ownership).
thin client solutions eliminate the need for data storage on
client terminals by consolidating data and applications that
have traditionally been stored on individual pCs.this enables
centralized management of multiple terminals, thus reducing
operational costs.
Enhanced data security
all data is securely stored on a server to reduce the risk of data
loss by end-users.
Efficient centralized management
installation of software and patches is performed in batch on
the server by a single administrator.
Get connected anywhere
users can access their own desktop environment from any
available client. work can be continued at alternative locations
during pandemics and disasters.
As an effective solution thin client systems are
rapidly gaining in popularity.


Similar Part No. - US300c

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
US300 TEC-US300 Datasheet
199Kb / 6P
Wide Temperature Range
logo
Unitpower Technology Li...
US3002 UNITPOWER-US3002 Datasheet
787Kb / 4P
N-Ch 30V Fast Switching MOSFETs
US3003 UNITPOWER-US3003 Datasheet
817Kb / 4P
P-Ch 30V Fast Switching MOSFETs
logo
UNISEM
US3004 UNISEM-US3004 Datasheet
99Kb / 14P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
US3004CW UNISEM-US3004CW Datasheet
99Kb / 14P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
More results

Similar Description - US300c

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SC2200 NSC-SC2200 Datasheet
3Mb / 433P
Thin Client On a Chip
logo
Advantech Co., Ltd.
TPC-651T-E3AE ADVANTECH-TPC-651T-E3AE Datasheet
560Kb / 2P
5.7"/6.5" TFT LED LCD Intel짰 Atom??Thin Client Terminals
TPC-1250H-N2BE ADVANTECH-TPC-1250H-N2BE Datasheet
551Kb / 2P
12.1" SVGA TFT LED LCD Intel짰 Atom??Thin Client Terminals
TPC-1550H-N2BE ADVANTECH-TPC-1550H-N2BE Datasheet
538Kb / 2P
15" XGA TFT LED LCD Intel짰 Atom??Thin Client Terminals
TPC-1750H-N2BE ADVANTECH-TPC-1750H-N2BE Datasheet
563Kb / 2P
17" SXGA TFT LED LCD Intel짰 Atom??Thin Client Terminals
TPC-1751T-E3AE ADVANTECH-TPC-1751T-E3AE Datasheet
587Kb / 2P
17" TFT LED LCD Intel짰 Atom??Thin Client Terminals
C-UNO-2173A ADVANTECH-C-UNO-2173A Datasheet
73Kb / 1P
High Performance ACP Thin Client
logo
Toshiba Semiconductor
MQ02ABXXXXH TOSHIBA-MQ02ABXXXXH Datasheet
320Kb / 2P
CLIENT MOBILE & MOBILE THIN HDD
MQ01ACFXXX TOSHIBA-MQ01ACFXXX Datasheet
586Kb / 2P
CLIENT MOBILE THIN HDD
Rev. 00
logo
Advantech Co., Ltd.
TPC-2000 ADVANTECH-TPC-2000 Datasheet
607Kb / 2P
Modular Industrial Thin-Client Panel Computer
5-Jan-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com