Electronic Components Datasheet Search
  English  ▼

X  

V323 Datasheet(PDF) 2 Page - NEC

Part # V323
Description  MultiSync
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

V323 Datasheet(HTML) 2 Page - NEC

  V323 Datasheet HTML 1Page - NEC V323 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Name:
Document Revision:
Document Date:
NEC MultiSync® V323
Version 1
April 2014
__________________________________________________________________________________________________________
For more information, visit www.nec.com.au, email contactus@nec.com.au or call 131 632
NEC MultiSync® V323
1. Power (AC in)
2. Main switch (on/off)
3. LAN with SNMP
4. Remote Control in / out
5. External control RS-232 in / out
6. DisplayPort in
7. DVI in / out
8. HDMI in
9. RGB in
10. Composite in
11. Audio out
12. Audio in
SPECIAL CHARACTERISTICS
Advanced fan control, Automatic Alarm E-Mails, Copy display
settings through RS232, DICOM support, FREE DisplayNote
Presenter, Hardware colour calibration possible, Input name
adjustment, Matrix memory, NaViSet Administrator 2, Optional
external programmable ambient light sensor, OSD rotation for
portrait mode, PIN as theft protection, Rapid input switching,
Scheduler, Screen saver functions, TileMatrix (10 x 10), User input
priority definition, Various picture in picture options
Energy Efficiency
ECOMode
Ecological Materials
Optional feet; Manuals on CD
Technical Specification NEC MultiSync® V323
DISPLAY
Panel Technology
S-IPS with Edge LED backlights
Active Screen Area (W x H) [mm]
698.4 x 392.9
Screen Size [inch/cm]
31.5 / 80
Aspect Ratio
16:9
Brightness (shipping) [cd/m2]
320, (450 max)
Contrast Ratio (typ.)
1300:1
Viewing Angle [°]
178 horizontal / 178 vertical (typ. at contrast ratio 10:1)
Response Time [ms]
8 / 12 / 25 (depending on Image Response setting)
Panel Refresh Rate [Hz]
60
SYNCHRONISATION RATE
Horizontal Frequency [kHz]
31.5 - 91.1 (analog and digital)
Vertical Frequency [Hz]
50 - 85
RESOLUTION
Native Resolution
1920 x 1080 at 60 Hz
Supported on digital and analogue inputs (PC)
1920 x 1080; 1600 x 1200; 1360 x 768; 1280 x 1024; 1280 x 768; 1024 x 768; 832
x 624; 800 x 600; 720 x 400; 640 x 480; 640 x 400
Supported on digital inputs (Video)
1920 x 1080i (59.94/60)16:9; 1920 x 1080p (59.94/60)16:9; 1920 x 1080p (50)
16:9; 1920 x 1080p (23.97/24)16:9; 1920 x 1080p (25)16:9; 1920 x 1080p
(29.97/30)16:9; 1280 x 720p (50)16:9; 720 x 576p (50)16:9; 720 x 480p
(59.94/60)16:9
CONNECTIVITY
Input Video Analogue
D-Sub15 (PC RGB, Component, S-Video, Composite) Composite (BNC)
Input Video Digital
1 x DVI-D (with HDCP); 1 x HDMI 1.3 (with HDCP); 1 x DisplayPort (with HDCP)
Input Audio Analogue
1 x 3,5 mm jack
Input Audio Digital
DisplayPort; 1 x HDMI
Input Control
LAN 100Mbit; remote control wire (3,5mm jack); RS232
Output Video Digital
1 x DVI-D (with HDCP)
Output Audio Analogue
3,5mm jack
Output Control
remote control wire (3,5mm jack); RS232
Remote Control
LAN with SNMP; RS-232C (9-pin D-sub) Input and Output; Remote Control IR
(internal/external (optional) sensor)
OPS OPTION SLOT
Slot Technology
Open pluggable specification (NEC / Intel OPS standard)
Inrush Current [A]
max. 10
Power Consumption [W]
max. 61
Voltage / Current [V/A]
16/0
ELECTRICAL
Power Consumption on Mode [W]
50 shipping; 155 (max.)
Power Savings Mode [W]
< 0.5 (ECO Standby); < 1
Power Management
VESA DPMS
ENVIRONMENTAL CONDITIONS
Operating Temperature [°C]
+0 to +40
Operating Humidity [%]
20 to 80
Storage Humidity [%]
10 to 90
Storage Temperature [°C]
-20 to +60
MECHANICAL
Dimensions (W x H x D) [mm]
Without stand: 786.8 x 476.2 x 93.5
Weight [kg]
Without stand: 13
Bezel Width [mm]
43.2 (left and right); 40.3 (top and bottom)
VESA Mounting [mm]
200 x 200 (FDMI); 4 holes; M6
AVAILABLE OPTIONS
OPS
HD-SDI 1.5G, 3G; HDBaseT receiver; Intel® Atom, Celeron and Core CPUs; WiDi
receiver
ADDITIONAL FEATURES
Colour Versions
Black Front Bezel, Black Back Cabinet
Safety and Ergonomics
BSMI; C-tick; CE; EAC; FCC Class B; KC/KCC; PSB; SASO; TÜV GS; TÜV S; UL/C-UL
or CSA; VCCI
Plug and Play
VESA DDC2Bi
Audio
Integrated Speakers (8 W + 8 W)
Shipping Content
Display; Power Cable; VGA cable; Free LAN control software (download); Remote
Control
Warranty
3 year conditional warranty incl. backlight
Accessories
Wall mounts (LSMU, LTMU, LTAPU)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com