Electronic Components Datasheet Search
  English  ▼

X  

V552-TM Datasheet(PDF) 2 Page - NEC

Part # V552-TM
Description  MultiSync (Multi-Touch)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

V552-TM Datasheet(HTML) 2 Page - NEC

  V552-TM Datasheet HTML 1Page - NEC V552-TM Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NEC MultiSync® V552-TM (Multi-Touch) - Technical Specification
DISPLAY
Panel Technology
AMVA3 with Edge LED backlights
Active Screen Area (W x H) [mm]
1,209.6 x 680.4
Screen Size [inch/cm]
55 / 140
Aspect Ratio
16:9
Brightness [cd/m²]
450, 172 Eco (shipment setting)
Contrast Ratio (typ.)
4000:1
Viewing Angle [°]
178 horizontal / 178 vertical (typ. at contrast ratio 10:1)
Response Time (typ.) [ms]
6.5 (grey-to-grey)
Panel Refresh Rate [Hz]
60
SYNCHRONISATION RATE
Horizontal Frequency [kHz]
31.5 - 91.1 (analog and digital)
Vertical Frequency [Hz]
25.2 - 85
RESOLUTION
Native Resolution
1920 x 1080 at 60 Hz
Supported on digital and analogue inputs (PC)
1920 x 1080; 1680 x 1050; 1600 x 1200; 1400 x 1050; 1366 x 786; 1280 x 1024; 1280 x 960; 1280 x 800; 1280 x 768; 1280 x 720; 1140 x
900; 1024 x 768; 800 x 600; 720 x 576; 720 x 480; 720 x 400; 640 x 480
Supported on digital inputs (Video)
1920 x 1080i (59.94/60)16:9; 1920 x 1080p (59.94/60)16:9; 1920 x 1080p (50)16:9; 1920 x 1080p (23.97/24)16:9; 1920 x 1080p (25)
16:9; 1920 x 1080p (29.97/30)16:9; 1280 x 720p (50)16:9; 720 x 576p (50)16:9; 720 x 480p (59.94/60)16:9
CONNECTIVITY
Input Video Analogue
1 x D-sub 15 pin; Composite (BNC); RGBHV for PC and Component/Composite (BNC)
Input Video Digital
1 x DisplayPort; 1 x DVI-D (with HDCP); 1 x HDMI 1.3
Input Audio Analogue
1 x 3,5 mm jack
Input Audio Digital
1 x HDMI; DisplayPort
Input Control
LAN 100Mbit; remote control wire (3,5mm jack); RS232
Output Video Digital
1 x DVI-D
Output Audio Analogue
3,5mm jack
Output Control
RS232
Remote Control
LAN with SNMP; Remote Control IR (internal/external (optional) sensor); RS-232C (9-pin D-sub) Input and Output
OPTION SLOT
Slot Technology
STv2 (compatible with Intel / NEC OPS standard)
Inrush Current [A]
max. 10
Power Consumption [W]
max. 61
Voltage / Current [V/A]
16/4
ELECTRICAL
Power Consumption [W]
56 Eco (shipment setting), 130
Power Savings Mode [W]
< 0.5 (ECO Standby); < 1
Power Management
VESA DPMS
ENVIRONMENTAL CONDITIONS
Operating Temperature [°C]
+0 to +40
Operating Humidity [%]
20 to 80
Storage Humidity [%]
10 to 90
Storage Temperature [°C]
-20 to +60
MECHANICAL
Dimensions (W x H x D) [mm]
Without stand: 1,294.4 x 765.2 x 86.5
Weight [kg]
Without stand: 40.8
Bezel Width [mm]
41.4 (left and right); 41.4 (top and bottom)
VESA Mounting [mm]
300 x 300 (FDMI); 4 holes; M6
GLASS
Thickness [mm]
4
Type
Double sided anti-reflection, fully tempered
Light Transmission [%]
96 (+/- 2 %)
Reflection Rate [%]
2
TOUCH
Touch Technology
Infrared Touch
Number of Touches
Real multi-touch up to 6 touches
Response Time [ms]
0 to 20
Touch Method
Finger; Gloves; Stylus
Operating System
Native Multi-Touch (Windows7, Windows8); Single Touch (Windows XP, Windows Vista, Linux, MAC OS X, Android)
Accuracy [mm]
< 2
Touch Resolution
32767 x 32767
ADDITIONAL FEATURES
Special Characteristics
Advanced fan control; Automatic Alarm E-Mails; Copy display settings through RS232; DICOM support; Hardware colour calibration
possible; Input name adjustment; Matrix memory; NaViSet Administrator 2; OSD rotation for portrait mode; Scheduler; Screen saver
functions; TileMatrix (10 x 10); User input priority definition; Various picture in picture options
Safety and Ergonomics
C-tick; CE; FCC Class B; PSB; RoHS; TÜV GS; UL/C-UL or CSA; VCCI
Plug and Play
VESA DDC2Bi
Audio
Integrated Speakers (10 W + 10 W); Optional Speakers (15 W + 15 W)
Shipping Content
Display; DVI-D cable; Free LAN control software (download); Power Cable; Remote Control; USB cable
Warranty
3 years conditional warranty incl. backlight
Operating Hours
16/7
AVAILABLE OPTIONS
Accessories
Feet (ST-4620); Speaker (SP-RM1)
OPS
HD-SDI 1.5, 3.5; HDBaseT receiver; Slot-inPC (Intel® Core i5/i7 with WS7P recommended)
GREEN FEATURES
Energy Efficiency
Ambient light sensor; Annual energy consumption: 82 kWh (based on 4 operating hours per day); Carbon savings meter; ECOMode;
Energy efficiency class: A++
Ecological Materials
Manuals on CD; Optional feet



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com