Electronic Components Datasheet Search
  English  ▼

X  

FDV16Q0806K Datasheet(PDF) 2 Page - AVX Corporation

Part # FDV16Q0806K
Description  Medium Power Film Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FDV16Q0806K Datasheet(HTML) 2 Page - AVX Corporation

  FDV16Q0806K Datasheet HTML 1Page - AVX Corporation FDV16Q0806K Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
41
Medium Power Film Capacitors
FD (RoHS Compliant)
Part Number
Capacitance
Max diameter
I peak max
Irms max
Rs
Rth
Typical
(μF)
mm (in)
(A)
(A)
(m )
(°C/W)
Weight (g)
Uch = 1000V
(Voltage Code L)
FDV16L0806K--
80
50 (1.969)
2500
12
6
15.9
170
FDV16L0606K--
60
44 (1.732)
2000
12
7.7
17.5
135
FDV16L0406K--
40
37 (1.457)
1300
10
11
18.2
95
FDV16L0206K--
20
28 (1.102)
650
5
21.1
17.3
55
Uch = 1400V
(Voltage Code Q)
FDV16Q0506K--
50
51 (2.008)
2100
12
7.1
16
170
FDV16Q0306K--
30
41 (1.614)
1250
11.5
11.2
17.3
135
FDV16Q0206K--
20
35 (1.378)
800
7.5
16.3
18.4
95
FDV16Q0106K--
10
27 (1.063)
400
3.5
31.5
17.3
55
Uch = 1700V
(Voltage Code S)
FDV16S0356K--
35
51 (2.008)
1750
12
8.3
16
170
FDV16S0256K--
25
44 (1.732)
1250
12
11
17.2
135
FDV16S0156K--
15
35 (1.378)
750
7.5
18
18.5
95
FDV16S0505K--
5
24 (0.945)
250
2.5
51.9
15.9
55
55
°C
40
°C
70
°C
85
°C
0.9
0.6
1.1
0.7
1.0
0.8
100
10
1
1000
10000
Lifetime Expectancy (quantity of charge + discharge cycles)
100000
10000000
1000000
Vw: operating or working charge voltage
LIFETIME EXPECTANCY vs VOLTAGE AND HOT SPOT TEMPERATURE
ELECTRICAL CHARACTERISTICS
Operating temperature:
–55°C to +85°C
Storage temperature:
–55°C to +85°C
Capacitance range:
5μF to 80μF
other values on request
Capacitance tolerance:
±10%
Nominal charging voltage:
1kV to 1.7kV
higher voltage on request
Test voltage between terminals:
@ 25°C: 1.2 x UNdc during 10s
Test voltage between
terminals and earth:
@ 25°C: 2 UNdc during 1 min (type test)
Dielectric
Polypropylene
RATINGS AND PART NUMBER REFERENCE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com